Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6635 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6635 Datasheet HTML 2Page - Analog Devices AD6635 Datasheet HTML 3Page - Analog Devices AD6635 Datasheet HTML 4Page - Analog Devices AD6635 Datasheet HTML 5Page - Analog Devices AD6635 Datasheet HTML 6Page - Analog Devices AD6635 Datasheet HTML 7Page - Analog Devices AD6635 Datasheet HTML 8Page - Analog Devices AD6635 Datasheet HTML 9Page - Analog Devices AD6635 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
REV. 0
–6–
AD6635
–
fS/2
–3
fS/8
–5
fS/16
–
fS/4
–3
fS/16
–
fS/8
–
fS/16
dc
fS/16
fS/8
3fS/16
fS/4
5fS/16
3fS/8
fS/2
FREQUENCY TRANSLATION (e.g., SINGLE 1MHz CHANNEL TUNED TO BASEBAND)
AFTER FREQUENCY TRANSLATION
NCO “TUNES” SIGNAL TO BASEBAND
–
fS/2
–3
fS/8
–5
fS/16
–
fS/4
–3
fS/16
–
fS/8
–
fS/16
dc
fS/16
fS/8
3fS/16
fS/4
5fS/16
3fS/8
fS/2
SIGNAL OF INTEREST “IMAGE”
SIGNAL OF INTEREST
WIDEBAND INPUT SPECTRUM
(
fSAMPLE/2 TO fSAMPLE/2)
WIDEBAND INPUT SPECTRUM (e.g., 30MHz FROM HIGH SPEED ADC)
Figure 1. AD6635 Frequency Translation of Wideband Input Spectrum
–1.5
104
kHz
20
0
–20
–40
–60
–80
–100
–120
–1.0
104
–5000
0
5000
1.0
104
1.5
104
CIC RESPONSE
COMPOSITE
RESPONSE
DESIRED
RESPONSE
Figure 2. Composite Filter Response of rCIC2, CIC5, and RCF for a Sample Filter Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com