Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 25Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 26Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 27Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 28Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 29Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 30Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 31Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 32Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
Case 2 shows a subsequent dip in the supply voltage which goes below the approximate 1.8V level. As
VCC drops below Vbor, the internal RESET signal is asserted. When VCC rises back above the 1.8V level, td
is started. Since the power supply rise time is longer for this case, td has expired before VCC rises above
Vbor and tid starts immediately when VCC is greater than Vbor.
Case 3 shows a dip in the supply where VCC drops below Vbor, but not below 1.8V. On-chip RESET is
asserted when VCC goes below Vbor and tid starts as soon as the supply goes back above Vbor.
If the Brownout Reset feature is enabled, the internal reset will not be turned off until the Idle Timer
underflows. The internal reset will perform the same functions as external reset. The device is ensured to
operate at the specified frequency down to the specified brownout voltage. After the underflow, the logic is
designed such that no additional internal resets occur as long as VCC remains above the brownout
voltage.
The device is relatively immune to short duration negative-going VCC transients (glitches). It is essential
that good filtering of VCC be done to ensure that the brownout feature works correctly. Power supply
decoupling is vital even in battery powered systems.
There are two optional brownout voltages. The part numbers for the three versions of this device are:
COP8CBR, Vbor = low voltage range
COP8CCR, Vbor = high voltage range
COP8CDR, BOR is disabled.
Refer to the device specifications for the actual Vbor voltages.
High brownout voltage devices are ensured to operate at 10MHz down to the brownout voltage. Low
brownout voltage devices are ensured to operate at 3.33MHz down to the brownout voltage. Devices are
not ensured to operate at 10MHz down to the low brownout voltage.
Under no circumstances should the RESET pin be allowed to float. If the on-chip Brownout Reset feature
is being used, the RESET pin should be connected directly to VCC. The RESET input may also be
connected to an external pull-up resistor or to other external circuitry. Any rising edge on the RESET pin
while VCC is below the specified operating range may cause unpredictable results. The output of the
brownout reset detector will always preset the Idle Timer to a value between 00F0 and 00FF (240 to 256
tC). At this time, the internal reset will be generated.
If the BOR feature is disabled, then no internal resets are generated and the Idle Timer will power-up with
an unknown value. In this case, the external RESET must be used. When BOR is disabled, this on-chip
circuitry is disabled and draws no DC current.
The contents of data registers and RAM are unknown following the on-chip reset.
Figure 5-5. Reset Circuit Using Power-On Reset
5.8
OSCILLATOR CIRCUITS
The device has two crystal oscillators to facilitate low power operation while maintaining throughput when
required. Further information on the use of the two oscillators is found in Power Saving Features. The low
speed oscillator utilizes the L0 and L1 port pins. References in the following text to CKI will also apply to
L0 and references to G7/CKO will also apply to L1.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
29
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com