Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 85 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 85 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 81Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 82Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 83Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 84Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 85Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 86Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 87Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 88Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
5.17.1 MICROWIRE/PLUS OPERATION
Setting the BUSY bit in the PSW register causes the MICROWIRE/PLUS to start shifting the data. It gets
reset when eight data bits have been shifted. The user may reset the BUSY bit by software to allow less
than 8 bits to shift. If enabled, an interrupt is generated when eight data bits have been shifted. The device
may enter the MICROWIRE/PLUS mode either as a Master or as a Slave. Figure 5-26 shows how two
microcontroller devices and several peripherals may be interconnected using the MICROWIRE/PLUS
arrangements.
WARNING
The SIO register should only be loaded when the SK clock is in the idle phase.
Loading the SIO register while the SK clock is in the active phase, will result in
undefined data in the SIO register.
Setting the BUSY flag when the input SK clock is in the active phase while in the
MICROWIRE/PLUS is in the slave mode may cause the current SK clock for the
SIO shift register to be narrow. For safety, the BUSY flag should only be set when
the input SK clock is in the idle phase.
5.17.1.1 MICROWIRE/PLUS Master Mode Operation
In the MICROWIRE/PLUS Master mode of operation the shift clock (SK) is generated internally. The
MICROWIRE/PLUS Master always initiates all data exchanges. The MSEL bit in the CNTRL register must
be set to enable the SO and SK functions onto the G Port. The SO and SK pins must also be selected as
outputs by setting appropriate bits in the Port G configuration register. In the slave mode, the shift clock
stops after 8 clock pulses. Table 5-30 summarizes the bit settings required for Master mode of operation.
5.17.1.2 MICROWIRE/PLUS Slave Mode Operation
In the MICROWIRE/PLUS Slave mode of operation the SK clock is generated by an external source.
Setting the MSEL bit in the CNTRL register enables the SO and SK functions onto the G Port. The SK pin
must be selected as an input and the SO pin is selected as an output pin by setting and resetting the
appropriate bits in the Port G configuration register. Table 5-30 summarizes the settings required to enter
the Slave mode of operation.
Table 5-30. MICROWIRE/PLUS Mode Settings
G4 (SO)
G5 (SK)
G4
G5
Operation
Config. Bit
Config. Bit
Fun.
Fun.
1
1
SO
Int.
MICROWIRE/PLUS
SK
Master
0
1
TRI-
Int.
MICROWIRE/PLUS
STATE
SK
Master
1
0
SO
Ext.
MICROWIRE/PLUS
SK
Slave
0
0
TRI-
Ext.
MICROWIRE/PLUS
STATE
SK
Slave
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
85
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com