Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 35Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 36Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 37Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 38Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 39Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 40Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 41Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 42Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
5.10.7 MICROWIRE/PLUS ISP
TI Semiconductor provides a program, which is available from our web site at www.ti.com, that is capable
of programming a device from the parallel port of a PC. The software accepts manually input commands
and is capable of downloading standard Intel HEX Format files.
Users who wish to write their own MICROWIRE/PLUS ISP host software should refer to the COP8 FLASH
ISP User Manual, available from the same web site. This document includes details of command format
and delays necessary between command bytes.
The MICROWIRE/PLUS ISP supports the following features and commands:
•
Write a value to the ISP Write Timing Register. NOTE: This must be the first command after entering
MICROWIRE/PLUS ISP mode.
•
Erase the entire flash program memory (mass erase).
•
Erase a page at a specified address.
•
Read Option register.
•
Read a byte from a specified address.
•
Write a byte to a specified address.
•
Read multiple bytes starting at a specified address.
•
Write multiple bytes starting at a specified address.
•
Exit ISP and return execution to flash program memory.
The following table lists the MICROWIRE/PLUS ISP commands and provides information on required
parameters and return values.
Table 5-9. MICROWIRE/PLUS ISP Commands
Command
Command
Function
Parameters
Return Data
Value (Hex)
PGMTIM_SET
Write Pulse Timing
0x3B
Value
N/A
Register
PAGE_ERASE
Page Erase
0xB3
Starting Address of Page
N/A
MASS_ERASE
Mass Erase
0xBF
Confirmation Code
N/A (The entire Flash
Memory will be erased)
READ_BYTE
Read Byte
0x1D
Address High, Address
Data Byte if Security not
Low
set. 0xFF if Security set.
Option Register if address
= 0xFFFF, regardless of
Security
BLOCKR
Block Read
0xA3
Address High, Address
n Data Bytes if Security
Low, Byte Count (n) High,
not set.
Byte Count (n) Low
n Bytes of 0xFF if Security
0
≤ n ≤ 32767
set.
WRITE_BYTE
Write Byte
0x71
Address High, Address
N/A
Low, Data Byte
BLOCKW
Block Write
0x8F
Address High, Address
N/A
Low, Byte Count (0
≤ n ≤
16), n Data Bytes
EXIT
EXIT
0xD3
N/A
N/A (Device will Reset)
INVALID
N/A
Any other invalid
N/A
command will be ignored
5.10.8 USER ISP AND VIRTUAL E
2
The following commands will support transferring blocks of data from RAM to flash program memory, and
vice-versa. The user is expected to enforce application security in this case.
•
Erase the entire flash program memory (mass erase). NOTE: Execution of this command will force the
device into the MICROWIRE/PLUS ISP mode.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
39
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com