Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 73 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 73 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 69Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 70Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 71Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 72Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 73Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 74Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 75Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 76Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
www.ti.com
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
The A/D Converter takes 15 A/D clock cycles to complete a conversion. Thus the minimum A/D
conversion time is 12.0 µs when a prescaler of 16 has been selected with MCLK = 20 MHz. The 15 A/D
clock cycles needed for conversion consist of 3 cycles for sampling, 1 cycle for auto-zeroing the
comparator, 10 cycles for converting, 1 cycle for loading the result into the result registers, for stopping
and for re-initializing. The ADBSY flag provides an A/D clock inhibit function, which saves power by
powering down the A/D when it is not in use.
NOTE
The A/D Converter is also powered down when the device is in either the HALT or IDLE
modes. If the A/D is running when the device enters the HALT or IDLE modes, the A/D
powers down and then restarts the conversion from the beginning with a corrupted sampled
voltage (and thus an invalid result) when the device comes out of the HALT or IDLE modes.
5.14.3 ANALOG INPUT AND SOURCE RESISTANCE CONSIDERATIONS
Figure 5-22 shows the A/D pin model in single ended mode. The differential mode has a similar A/D pin
model. The leads to the analog inputs should be kept as short as possible. Both noise and digital clock
coupling to an A/D input can cause conversion errors. The clock lead should be kept away from the
analog input line to reduce coupling.
Source impedances greater than 3 k
Ω on the analog input lines will adversely affect the internal RC
charging time during input sampling. As shown in Figure 5-22, the analog switch to the DAC array is
closed only during the 3 A/D cycle sample time. Large source impedances on the analog inputs may result
in the DAC array not being charged to the correct voltage levels, causing scale errors.
If large source resistance is necessary, the recommended solution is to slow down the A/D clock speed in
proportion to the source resistance. The A/D Converter may be operated at the maximum speed for RS
less than 3 k
Ω. For RS greater than 3 kΩ, A/D clock speed needs to be reduced. For example, with RS = 6
k
Ω, the A/D Converter may be operated at half the maximum speed. A/D Converter clock speed may be
slowed down by either increasing the A/D prescaler divide-by or decreasing the CKI clock frequency. The
A/D minimum clock speed is 65.536 kHz.
*The analog switch is closed only during the sample time.
Figure 5-22. A/D Pin Model (Single Ended Mode)
5.15 Interrupts
5.15.1 INTRODUCTION
The device supports fourteen vectored interrupts. Interrupt sources include Timer 1, Timer 2, Timer 3,
Timer T0, Port L Wake-up, Software Trap, MICROWIRE/PLUS, USART and External Input.
All interrupts force a branch to location 00FF Hex in program memory. The VIS instruction may be used to
vector to the appropriate service routine from location 00FF Hex.
The Software trap has the highest priority while the default VIS has the lowest priority.
Each of the 13 maskable inputs has a fixed arbitration ranking and vector.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
73
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com