Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7912ARM Datasheet(PDF) 13 Page - Analog Devices

Part # AD7912ARM
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912ARM Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7912ARM Datasheet HTML 9Page - Analog Devices AD7912ARM Datasheet HTML 10Page - Analog Devices AD7912ARM Datasheet HTML 11Page - Analog Devices AD7912ARM Datasheet HTML 12Page - Analog Devices AD7912ARM Datasheet HTML 13Page - Analog Devices AD7912ARM Datasheet HTML 14Page - Analog Devices AD7912ARM Datasheet HTML 15Page - Analog Devices AD7912ARM Datasheet HTML 16Page - Analog Devices AD7912ARM Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 13 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 10 and Figure 11 show typical FFT plots for the AD7922
and AD7912, respectively, at a 1 MSPS sample rate and 100 kHz
input frequency.
Figure 12 shows the SINAD performance versus the input
frequency for various supply voltages while sampling at 1 MSPS
with a SCLK frequency of 18 MHz for the AD7922.
Figure 13 shows the SNR performance versus the input fre-
quency for various supply voltages while sampling at 1 MSPS
with an SCLK frequency of 18 MHz for the AD7922.
Figure 14 and Figure 15 show INL and DNL performance for
the AD7922.
Figure 16 shows a graph of the THD versus the analog input
frequency for different source impedances when using a supply
voltage of 3.6 V and a sampling rate of 1 MSPS. See the Analog
Input section.
Figure 17 shows a graph of the THD versus the analog input
frequency for various supply voltages while sampling at 1 MSPS
with an SCLK frequency of 18 MHz.
Figure 18 shows the shutdown current versus the voltage supply
for different operating temperatures.
5
–15
–35
–55
–75
–95
–115
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (kHz)
8192 POINT FFT
VDD = 2.7V
FSAMP = 1MSPS
FIN = 100kHz
SNR = 73.1dB
SINAD = 72.55dB
THD = –81.78dB
SFDR = –83.03dB
Figure 10. AD7922 Dynamic Performance at 1 MSPS
–10
–30
–50
–70
–90
–110
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (kHz)
8192 POINT FFT
VDD = 2.7V
FSAMP = 1MSPS
FIN = 100kHz
SNR = 61.88dB
SINAD = 61.83dB
THD = –81.12dB
SFDR = –84.92dB
Figure 11. AD7912 Dynamic Performance at 1 MSPS
–67
–74
–73
–72
–71
–70
–69
–68
10
100
1000
FREQUENCY (kHz)
VDD = 2.7V
VDD = 2.35V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
Figure 12. AD7922 SINAD vs. Input Frequency at 1 MSPS
–71.6
–71.8
–72.0
–72.4
–72.2
–72.6
–72.8
–73.0
–73.2
–73.4
–73.6
10
100
1000
FREQUENCY (kHz)
VDD = 2.35V
VDD = 5.25V
VDD = 2.7V
VDD = 4.75V
VDD = 3.6V
Figure 13. AD7922 SNR vs. Input Frequency at 1 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com