Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7912ARM Datasheet(PDF) 1 Page - Analog Devices

Part # AD7912ARM
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912ARM Datasheet(HTML) 1 Page - Analog Devices

  AD7912ARM Datasheet HTML 1Page - Analog Devices AD7912ARM Datasheet HTML 2Page - Analog Devices AD7912ARM Datasheet HTML 3Page - Analog Devices AD7912ARM Datasheet HTML 4Page - Analog Devices AD7912ARM Datasheet HTML 5Page - Analog Devices AD7912ARM Datasheet HTML 6Page - Analog Devices AD7912ARM Datasheet HTML 7Page - Analog Devices AD7912ARM Datasheet HTML 8Page - Analog Devices AD7912ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
2-Channel, 2.35 V to 5.25 V,
1 MSPS, 10-/12-Bit ADCs
AD7912/AD7922
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Fast throughput rate: 1 MSPS
Specified for VDD of 2.35 V to 5.25 V
Low power:
4.8 mW typ at 1 MSPS with 3 V supplies
15.5mW typ at 1 MSPS with 5 V supplies
Wide input bandwidth:
71 dB minimum SNR at 100 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface:
SPI®/QSPI™/MICROWIRE™/DSP compatible
Standby mode: 1 µA maximum
Daisy-chain mode
8-lead TSOT package
8-lead MSOP package
APPLICATIONS
Battery-powered systems:
Personal digital assistants
Medical instruments
Mobile communications
Instrumentation and control systems
Data acquisition systems
High speed modems
Optical sensors
GENERAL DESCRIPTION
The AD7912/AD79221 are 10-bit and 12-bit, high speed, low
power, 2-channel successive approximation ADCs, respectively.
The parts operate from a single 2.35 V to 5.25 V power supply
and feature throughput rates of up to 1 MSPS. The parts contain
a low noise, wide bandwidth track-and-hold amplifier, which
can handle input frequencies in excess of 6 MHz.
The conversion process and data acquisition are controlled
using CS and the serial clock, allowing the devices to interface
with microprocessors or DSPs. The conversion rate is
determined by the SCLK signal. The input signal is sampled on
the falling edge of CS and the conversion is also initiated at this
point. The channel to be converted is selected through the DIN
pin, and the mode of operation is controlled by CS. The serial
data stream from the DOUT pin has a channel identifier bit and
mode identifier bit, which provide information about the
converted channel and the current mode of operation.
FUNCTIONAL BLOCK DIAGRAM
T/H
CONTROL LOGIC
10-/12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
VDD
AD7912/AD7922
VIN0
VIN1
SCLK
DOUT
CS
DIN
MUX
Figure 1.
Several AD7912/AD7922 can be connected together in a daisy
chain. The AD7912/AD7922 feature a daisy-chain mode that
allows the user to read the conversion results from the ADCs
contained in the chain. The AD7912/AD7922 use advanced
design techniques to achieve very low power dissipation at high
throughput rates. The reference for the part is taken internally
from VDD, thereby allowing the widest dynamic input range to
the ADC.
PRODUCT HIGHLIGHTS
1. 2-channel, 1 MSPS, 10-/12-bit ADCs in TSOT package.
2. High throughput with low power consumption.
3. Flexible power/serial clock speed management.
The conversion rate is determined by the serial clock. The
parts also feature a power-down mode to maximize power
efficiency at lower throughput rates. Average power
consumption is reduced when the power-down mode is
used while not converting. Current consumption is 1 µA
maximum and 50 nA typically when in power-down mode.
4. Daisy-chain mode.
5. No pipeline delay.
The parts feature a standard successive approximation ADC
with accurate control of the sampling instant via a CS input
and once-off conversion control.
1 Protected by U.S. Patent Number 6,681,332.


Similar Part No. - AD7912ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
More results

Similar Description - AD7912ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476A AD-AD7476A Datasheet
580Kb / 24P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
3/04-Data Sheet changed from REV. B to REV. C.
AD7911 AD-AD7911 Datasheet
312Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
AD7921ARMZ AD-AD7921ARMZ Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com