Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7912ARM Datasheet(PDF) 28 Page - Analog Devices

Part # AD7912ARM
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912ARM Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7912ARM Datasheet HTML 24Page - Analog Devices AD7912ARM Datasheet HTML 25Page - Analog Devices AD7912ARM Datasheet HTML 26Page - Analog Devices AD7912ARM Datasheet HTML 27Page - Analog Devices AD7912ARM Datasheet HTML 28Page - Analog Devices AD7912ARM Datasheet HTML 29Page - Analog Devices AD7912ARM Datasheet HTML 30Page - Analog Devices AD7912ARM Datasheet HTML 31Page - Analog Devices AD7912ARM Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 28 of 32
APPLICATION HINTS
GROUNDING AND LAYOUT
The printed circuit board that houses the AD7912/AD7922
should be designed such that the analog and digital sections are
separated and confined to certain areas of the board. This
facilitates the use of ground planes that can be separated easily.
A minimum etch technique is generally best for ground planes,
because it gives the best shielding. Digital and analog ground
planes should be joined at only one place. If the AD7912/
AD7922 are in a system where multiple devices require an
AGND-to-DGND connection, the connection should still be
made at one point only, a star ground point that should be
established as close as possible to the AD7912/AD7922.
Avoid running digital lines under the device, because these
couple noise onto the die. The analog ground plane should be
allowed to run under the AD7912/AD7922 to avoid noise
coupling. The power supply lines to the AD7912/AD7922
should use as large a trace as possible to provide low impedance
paths and reduce the effects of glitches on the power supply line.
Fast-switching signals like clocks should be shielded with digital
ground to avoid radiating noise to other sections of the board,
and clock signals should never be run near the analog inputs.
Avoid crossover of digital and analog signals. Traces on opposite
sides of the board should run at right angles to each other to
reduce the effects of feedthrough through the board. A micro-
strip technique is by far the best, but is not always possible with
a double-sided board. In this technique, the component side of
the board is dedicated to ground planes, while signals are placed
on the solder side.
Good decoupling is also very important. The analog supply
should be decoupled with 10 µF tantalum in parallel with 0.1 µF
capacitors to AGND. To achieve the best performance from
these decoupling components, the user should endeavor to keep
the distance between the decoupling capacitor and the VDD and
GND pins to a minimum with short track lengths connecting
the respective pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com