Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7912ARM Datasheet(PDF) 16 Page - Analog Devices

Part # AD7912ARM
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912ARM Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7912ARM Datasheet HTML 12Page - Analog Devices AD7912ARM Datasheet HTML 13Page - Analog Devices AD7912ARM Datasheet HTML 14Page - Analog Devices AD7912ARM Datasheet HTML 15Page - Analog Devices AD7912ARM Datasheet HTML 16Page - Analog Devices AD7912ARM Datasheet HTML 17Page - Analog Devices AD7912ARM Datasheet HTML 18Page - Analog Devices AD7912ARM Datasheet HTML 19Page - Analog Devices AD7912ARM Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 16 of 32
TYPICAL CONNECTION DIAGRAM
Figure 22 shows a typical connection diagram for the AD7912/
AD7922. VREF is taken internally from VDD and as such VDD
should be well decoupled. This provides an analog input range
of 0 V to VDD. The conversion result is output in a 16-bit word
with two leading zeros, followed by the channel identifier bit
that identifies the channel converted, followed by the mode bit
that indicates the current mode of operation, and by the MSB of
the 12-bit or 10-bit result. For the AD7912, the 10-bit result is
followed by two trailing zeros. See the Serial Interface section.
Alternatively, because the supply current required by the
AD7912/AD7922 is so low, a precision reference can be used as
the supply source to the AD7912/AD7922. A REF19x voltage
reference (REF195 for 5 V or REF193 for 3 V) can be used to
supply the required voltage to the ADC (see Figure 22). This
configuration is especially useful, if the power supply is quite
noisy or if the system supply voltages are at some value other
than 5 V or 3 V (for example, 15 V). The REF19x outputs a
steady voltage to the AD7912/AD7922. If the low dropout
REF193 is used, the current it needs to supply to the AD7912/
AD7922 is typically1.5 mA. When the ADC is converting at a
rate of 1 MSPS, the REF193 needs to supply a maximum of
2 mA to the AD7912/AD7922. The load regulation of the
REF193 is typically 10 ppm/mA (REF193, VS = 5 V), which
results in an error of 20 ppm (60 µV) for the 2 mA drawn from
it. This corresponds to a 0.082 LSB error for the AD7922 with
VDD = 3 V from the REF193 and a 0.061 LSB error for the
AD7912.
For applications where power consumption is a concern, the
power-down mode of the ADC and the sleep mode of the
REF19x reference should be used to improve power perform-
ance. See the Modes of Operation section.
AD7912/
AD7922
VDD
VIN0
SERIAL
INTERFACE
0V TO VDD
INPUT
µC/µP
VIN1
GND
SCLK
CS
DIN
DOUT
0.1
µF
10
µF
1
µF
TANT
0.1
µF
680nF
3V
5V
SUPPLY
1.5mA
REF193
Figure 22. REF193 as Power Supply to AD7912/AD7922
Table 6 provides some typical performance data with various
references used as a VDD source and a 50 kHz input tone under
the same setup conditions.
Table 6. AD7922 Performance for Various Voltage
References IC
Reference Tied to VDD
AD7922 SNR Performance (dB)
AD780 at 3 V
−73
REF193
−72.42
ADR433
−72.9
AD780 at 2.5 V
−72.86
REF192
−72.27
ADR421
−72.75
ANALOG INPUT
Figure 23 shows an equivalent circuit of the analog input
structure of the AD7912/AD7922. The two diodes, D1 and D2,
provide ESD protection for the analog input. Care must be
taken to ensure that the analog input signal never exceeds the
supply rails by more than 300 mV, because this would cause
these diodes to become forward biased and start conducting
current into the substrate. The maximum current these diodes
can conduct without causing irreversible damage to the part is
10 mA.
C1
6pF
C2
20pF
R1
D1
D2
VDD
VIN
Figure 23. Equivalent Analog Input Circuit
The capacitor C1 in Figure 23 is typically about 6 pF and can
primarily be attributed to pin capacitance. The resistor R1 is
a lumped component made up of the on resistance of the
track-and-hold switch and also includes the on resistance of
the input multiplexer. This resistor is typically about 100 Ω.
The capacitor C2 is the ADC sampling capacitor and has a
capacitance of 20 pF typically.
For ac applications, removing high frequency components from
the analog input signal is recommended using a band-pass filter
on the relevant analog input pin. In applications where har-
monic distortion and signal-to-noise ratio are critical, the
analog input should be driven from a low impedance source.
Large source impedances can significantly affect the ac
performance of the ADC. This might necessitate the use of an
input buffer amplifier. The choice of the op amp is a function of
the particular application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com