Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7938BCP Datasheet(PDF) 1 Page - Analog Devices

Part # AD7938BCP
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938BCP Datasheet(HTML) 1 Page - Analog Devices

  AD7938BCP Datasheet HTML 1Page - Analog Devices AD7938BCP Datasheet HTML 2Page - Analog Devices AD7938BCP Datasheet HTML 3Page - Analog Devices AD7938BCP Datasheet HTML 4Page - Analog Devices AD7938BCP Datasheet HTML 5Page - Analog Devices AD7938BCP Datasheet HTML 6Page - Analog Devices AD7938BCP Datasheet HTML 7Page - Analog Devices AD7938BCP Datasheet HTML 8Page - Analog Devices AD7938BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit
Parallel ADCs with a Sequencer
Preliminary Technical Data
AD7938/AD7939
FEATURES
Fast throughput rate: 1.5 MSPS
Specified for VDD of 2.7 V to 5.25 V
Low power
8 mW max at 1.5 MSPS with 3 V supplies
16 mW max at 1.5 MSPS with 5 V supplies
8 analog input channels with a sequencer
Software configurable analog inputs
8-channel single-ended inputs
4-channel fully differential inputs
4-channel pseudo-differential inputs
7-channel pseudo-differential inputs
Accurate on-chip 2.5 V reference
Wide input bandwidth
70 dB SNR at 50 kHz input frequency
No pipeline delays
High speed parallel interface—word/byte modes
Full shutdown mode: 1 µA max
32-lead LFCSP and TQFP package
FUNCTIONAL BLOCK DIAGRAM
VIN7
T/H
PARALLEL INTERFACE/CONTROL REGISTER
SEQUENCER
12-/10-BIT
SAR ADC
AND
CONTROL
I/P
MUX
2.5V
VREF
DB0 DB11
VDRIVE
VDD
AD7938/AD7939
VIN0
AGND
VREFIN/
VREFOUT
CLKIN
BUSY
CONVST
CS
DGND
RD WR W/B
Figure 1.
GENERAL DESCRIPTION
The AD7938/AD7939 are 12-bit and 10-bit, high speed, low
power, successive approximation (SAR) ADCs. The parts
operate from a single 2.7 V to 5.25 V power supply and feature
throughput rates up to 1.5 MSPS. The parts contain a low noise,
wide bandwidth, differential track-and-hold amplifier that can
handle input frequencies up to 20 MHz.
The AD7938/AD7939 feature eight analog input channels with
a channel sequencer that allow a preprogrammed selection of
channels to be converted sequentially. These parts can operate
with either single-ended, fully differential, or pseudo-
differential analog inputs.
The conversion process and data acquisition are controlled
using standard control inputs that allow easy interfacing with
microprocessors and DSPs. The input signal is sampled on the
falling edge of CONVST and the conversion is also initiated at
this point.
The AD7938/AD7939 have an accurate on-chip 2.5 V reference
that can be used as the reference source for the analog-to-digital
conversion. Alternatively, this pin can be overdriven to provide
an external reference.
These parts use advanced design techniques to achieve very low
power dissipation at high throughput rates. They also feature
flexible power management options. An on-chip control register
allows the user to set up different operating conditions,
including analog input range and configuration, output coding,
power management, and channel sequencing.
PRODUCT HIGHLIGHTS
1.
High throughput with low power consumption.
2.
Eight analog inputs with a channel sequencer.
3.
Accurate on-chip 2.5 V reference.
4.
Software configurable analog inputs. Single-ended, pseudo-
differential, or fully differential analog inputs that are
software selectable.
5.
Single-supply operation with VDRIVE function. The VDRIVE
function allows the parallel interface to connect directly to
3 V, or 5 V processor systems independent of VDD.
6.
No pipeline delay.
7.
Accurate control of the sampling instant via a CONVST
input and once off conversion control.
PrN
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
Rev.


Similar Part No. - AD7938BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7938BCP-6 AD-AD7938BCP-6 Datasheet
762Kb / 32P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
10/04-Revision 0
AD7938BCP-6REEL7 AD-AD7938BCP-6REEL7 Datasheet
762Kb / 32P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
10/04-Revision 0
AD7938BCPZ AD-AD7938BCPZ Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938BCPZ AD-AD7938BCPZ Datasheet
629Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Oct-2016
AD7938BCPZ-6 AD-AD7938BCPZ-6 Datasheet
762Kb / 32P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
10/04-Revision 0
More results

Similar Description - AD7938BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7933 AD-AD7933 Datasheet
1Mb / 32P
4-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Aug-2004
AD7938-6 AD-AD7938-6 Datasheet
762Kb / 32P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
10/04-Revision 0
AD7938BSUZ AD-AD7938BSUZ Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7934BRUZ-REEL7 AD-AD7934BRUZ-REEL7 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7933 AD-AD7933_15 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7934 AD-AD7934_15 Datasheet
768Kb / 32P
4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
REV. B
AD7938 AD-AD7938_15 Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7939 AD-AD7939_15 Datasheet
561Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
REV. C
AD7938 AD-AD7938_17 Datasheet
629Kb / 36P
8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
Oct-2016
AD7938-6 AD-AD7938-6_17 Datasheet
819Kb / 33P
8-Channel, 625 kSPS, 12-Bit Parallel ADCs with a Sequencer
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com