Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7938BCP Datasheet(PDF) 23 Page - Analog Devices

Part # AD7938BCP
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938BCP Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7938BCP Datasheet HTML 19Page - Analog Devices AD7938BCP Datasheet HTML 20Page - Analog Devices AD7938BCP Datasheet HTML 21Page - Analog Devices AD7938BCP Datasheet HTML 22Page - Analog Devices AD7938BCP Datasheet HTML 23Page - Analog Devices AD7938BCP Datasheet HTML 24Page - Analog Devices AD7938BCP Datasheet HTML 25Page - Analog Devices AD7938BCP Datasheet HTML 26Page - Analog Devices AD7938BCP Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Preliminary Technical Data
AD7938/AD7939
POWER ON
WRITE TO THE CONTROL REGISTER TO
SET UP OPERATING MODE, ANALOG INPUT
AND OUTPUT CONFIGURATION
SET SEQ = 0 SHDW = 1.
INITIATE A WRITE CYCLE.
THIS WRITE CYCLE IS TO THE SHADOW REGISTER.
SET RELEVANT BITS TO SELECT
THE CHANNELS TO BE INCLUDED IN THE SEQUENCE.
SEQ BIT = 1
SHDW BIT = 0
CONTINUOUSLY CONVERT
CONSECUTIVE
CHANNELS SELECTED
WITH EACH CONVST PULSE
BUT ALLOWS THE RANGE,
CODING, ANALOG INPUT TYPE,
ETC BITS IN THE CONTROL
REGISTER TO BE CHANGED
WITHOUT INTERRUPTING
THE SEQUENCE.
CONTINUOUSLY CONVERT
CONSECUTIVE
CHANNELS SELECTED
IN THE SHADOW REGISTER
WITH EACH CONVST PULSE.
WR = HIGH
SEQ BIT = 0
SHDW BIT = 1
REFERENCE SECTION
The AD7938/AD7939 can operate with either the on-chip or
external reference. The internal reference is selected by setting
the REF bit in the internal control register to 1. A block diagram
of the internal reference circuitry is shown in Fi
. The
internal reference circuitry includes an on-chip 2.5 V band gap
reference and a reference buffer. When using the internal
reference, the VREFIN/VREFOUT pin should be decoupled to AGND
with a 0.47 µF capacitor. This internal reference not only
provides the reference for the analog-to-digital conversion, but
it can also be used externally in the system. It is recommended
that the reference output is buffered using an external precision
op amp before applying it anywhere in the system.
gure 36
Figure 36. Internal Reference Circuit Block Diagram
REFERENCE
AD7938/
AD7939
ADC
BUFFER
VREFIN/
VREFOUT
Figure 34. Programmable Sequence Flow Chart
Consecutive Sequence (SEQ = 1, SHDW = 1)
A sequence of consecutive channels can be converted beginning
with Channel 0 and ending with a final channel selected by
writing to the ADD2 to ADD0 bits in the control register. This
is done by setting the SEQ and SHDW bits in the control
register to 1. In this mode, the sequencer can be used without
having to write to the shadow register. Once the control register
is written to, to set this mode up, the next conversion is on
Channel 0, then Channel 1, and so on until the channel selected
by the address bits (ADD2 to ADD0) is reached. The cycle
begins again provided the WR input is tied high. If low, the SEQ
and SHDW bits must be set to 1, 0 to allow the ADC to
continue its preprogrammed sequence uninterrupted. F
shows the flow chart of the consecutive sequence mode.
Alternatively, an external reference can be applied to the
VREFIN/VREFOUT pin of the AD7938/AD7939. An external
reference input is selected by setting the REF bit in the internal
control register to 0. When using an external reference, the
VREFIN/VREFOUT pin should be decoupled to AGND with a 0.1 µF
capacitor. When operating in differential mode, the external
reference input range is 0.1 V to 3.5 V, and in all other analog
input modes, the external reference input range is 0.1 V to VDD.
In all cases, the specified reference is 2.5 V.
igure 35
Figure 35. Consecutive Sequence Mode Flow Chart
It is important to ensure that, when choosing the reference
value, the maximum analog input range (VIN MAX) is never
greater than VDD + 0.3 V to comply with the maximum ratings
of the device. In the pseudo-differential modes, the user must
ensure that VREF + VIN− ≤ VDD when using the 0 to VREF range, or
when using the 2 × VREF range that 2 × VREF + VIN− ≤ VDD.
POWER ON
WRITE TO THE CONTROL REGISTER TO
SET UP OPERATING MODE, ANALOG INPUT
AND OUTPUT CONFIGURATION SELECT
FINAL CHANNEL (ADD2 TO ADD0) IN
CONSECUTIVE SEQUENCE.
SET SEQ = 1 SHDW = 1.
CONTINUOUSLY CONVERT A CONSECUTIVE
SEQUENCE OF CHANNELS FROM CHANNEL 0
UP TO AND INCLUDING THE PREVIOUSLY
SELECTED FINAL CHANNEL ON ADD2 TO ADD0
WITH EACH CONVST PULSE.
SEQ BIT = 1
SHDW BIT = 0
CONTINUOUSLY CONVERT
CONSECUTIVE CHANNELS SELECTED
WITH EACH CONVST PULSE BUT
ALLOWS THE RANGE, CODING, ANALOG
INPUT TYPE, ETC BITS IN THE
CONTROL REGISTER TO BE CHANGED
WITHOUT INTERRUPTING
THE SEQUENCE.
The following two examples calculate the maximum VREF input
that can be used when operating the AD7938/AD7939 in
differential mode, using the 0 to VREF range with a VDD of 5 V
and 3 V, respectively.
Example 1
VIN MAX = VDD + 0.3
VIN MAX = VREF + VREF/2
If VDD = 5 V, then VIN MAX = 5.3 V.
Therefore, 3 × VREF/2 = 5.3 V.
VREF MAX = 3.5 V
Rev. PrN | Page 23 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com