Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7938BCP Datasheet(PDF) 28 Page - Analog Devices

Part # AD7938BCP
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938BCP Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7938BCP Datasheet HTML 24Page - Analog Devices AD7938BCP Datasheet HTML 25Page - Analog Devices AD7938BCP Datasheet HTML 26Page - Analog Devices AD7938BCP Datasheet HTML 27Page - Analog Devices AD7938BCP Datasheet HTML 28Page - Analog Devices AD7938BCP Datasheet HTML 29Page - Analog Devices AD7938BCP Datasheet HTML 30Page - Analog Devices AD7938BCP Datasheet HTML 31Page - Analog Devices AD7938BCP Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD7938/AD7939
Preliminary Technical Data
POWER MODES OF OPERATION
The AD7938/AD7939 have four different power modes of
operation. These modes are designed to provide flexible power
management options. Different options can be chosen to
optimize the power dissipation/throughput rate ratio for
differing applications. The mode of operation is selected by the
power management bits, PM1 and PM0, in the control register,
as detailed in
. When power is first applied to the
AD7938/AD7939 an on-chip, power-on reset circuit ensures
that the default power-up condition is normal mode.
Table 8
Note that, after power-on, the track-and-hold is in hold mode
and the first rising edge of CONVST places the track-and-hold
into track mode.
Normal Mode (PM1 = PM0 = 0)
This mode is intended for the fastest throughput rate
performance because the user does not have to worry about any
power-up times associated with the AD7938/AD7939 because it
remains fully powered up at all times. At power-on reset, this
mode is the default setting in the control register.
Auto-Shutdown (PM1 = 0; PM0 = 1)
In this mode of operation, the AD7938/AD7939 automatically
enters full shutdown at the end of each conversion, which is
shown at Point A in
. In shutdown mode, all internal
circuitry on the device is powered down. The part retains
information in the control register during shutdown. The track-
and-hold also goes into hold at this point and remains in hold
as long as the device is in shutdown. The AD7938/AD7939
remains in shutdown mode until the next rising edge of
CONVST (see Point B in
). In order to keep the device
in shutdown for as long as possible, CONVST should idle low
between conversions as shown in Error! Reference source not
found.
. On this rising edge, the part begins to power-up and
track-and-hold returns to track mode. The power-up time
required depends on whether the user is operating with the
internal or external reference. With the internal reference, the
power-up time is typically TBD, and with an external reference,
the power-up time is typically TBD. The user should ensure that
the power-up time has elapsed before initiating a conversion.
Figure 38
Figure 38
Figure 38
Auto-Standby (PM1 = 1; PM0 = 0)
In this mode of operation, the AD7938/AD7939 automatically
enters standby mode at the end of each conversion, which is
shown as Point A in
. When this mode is entered, all
circuitry on the AD7938/AD7939 is powered down except for
the reference and reference buffer. The track-and-hold goes into
hold at this point also and remains in hold as long as the device
is in standby. The part remains in standby until the next rising
edge of CONVST powers up the device, which takes at least
TBD. The user should ensure this power-up time has elapsed
before initiating another conversion as shown in Error!
Reference source not found.
. This rising edge of CONVST also
places track-and-hold back into track mode.
Full Shutdown Mode (PM1 =1; PM0 = 1)
When this mode is programmed, all circuitry on the
AD7938/AD7939 is powered down upon completion of the
write operation, i.e., on rising edge of WR. The part retains the
information in the control register while the part is in
shutdown. Also, track-and-hold goes into hold mode at this
point. The AD7938/AD7939 remains in full shutdown mode
and track-and-hold in hold mode, until the power management
bits (PM1 and PM0) in the control register are changed. If a
write to the control register occurs while the part is in full
shutdown mode, and the power management bits are changed
to PM0 = PM1 = 0, i.e., normal mode, the part begins to power-
up on the WR rising edge and the track-and-hold returns to
track. To ensure the part is fully powered up before a conversion
is initiated, the power-up time, TBD, should be allowed before
the next CONVST falling edge; otherwise, invalid data will be
read.
tPOWER-UP
1
1
14
14
BUSY
CLKIN
CONVST
A
B
Figure 42 Auto-Shutdown/Auto-Standby Mode
Rev. PrN | Page 28 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com