Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7938BCP Datasheet(PDF) 10 Page - Analog Devices

Part # AD7938BCP
Description  8-Channel, 1.5 MSPS, 12-Bit and 10-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7938BCP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7938BCP Datasheet HTML 6Page - Analog Devices AD7938BCP Datasheet HTML 7Page - Analog Devices AD7938BCP Datasheet HTML 8Page - Analog Devices AD7938BCP Datasheet HTML 9Page - Analog Devices AD7938BCP Datasheet HTML 10Page - Analog Devices AD7938BCP Datasheet HTML 11Page - Analog Devices AD7938BCP Datasheet HTML 12Page - Analog Devices AD7938BCP Datasheet HTML 13Page - Analog Devices AD7938BCP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD7938/AD7939
Preliminary Technical Data
Pin
No
Mnemonic
Function
the internal registers.
21
AGND
Analog Ground. This is the ground reference point for all analog circuitry on the AD7938/AD7939. All analog input
signals and any external reference signal should be referred to this AGND voltage. The AGND and DGND voltages
should ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis.
22
VREFIN/VREFOUT
Reference Input/Output. This pin is connected to the internal reference and is the reference source for the ADC. The
nominal internal reference voltage is 2.5 V and this appears at this pin. This pin can be overdriven by an external
reference. The input voltage range for the external reference is 0.1 V to 3.5 V for the differential mode and is 0.1 V to
VDD for the single-ended and pseudo-differential modes, depending on VDD.
23
to
30
VIN0 to VIN7
Analog Input 0 to Analog Input 7. Eight analog input channels that are multiplexed into the on-chip track-and-hold.
The analog inputs can be programmed to be eight single-ended inputs, four fully differential pairs, four pseudo-
differential pairs, or seven pseudo-differential inputs by setting the MODE bits in the control register appropriately
(see Table 9). The analog input channel to be converted can either be selected by writing to the address bits (ADD2
to ADD0) in the control register prior to the conversion or the on-chip sequencer can be used. The SEQ and SHDW
bits in conjunction with the address bits in the control register allow the shadow register to be programmed. The
input range for all input channels can either be 0 V to VREF or 0 V to 2 × VREF, and the coding can be binary or twos
complement, depending on the states of the RANGE and CODING bits in the control register. Any unused input
channels should be connected to AGND to avoid noise pickup.
31
VDD
Power Supply Input. The VDD range for the AD7938/AD7939 is 2.7 V to 5.25 V. The supply should be decoupled to
AGND with a 0.1 µF capacitor and a 10 µF tantalum capacitor.
32
W/B
Word/Byte Input. When this input is logic high, data is transferred to and from the AD7938/AD7939 in 12-bit/10-bit
words on Pins DB0/DB2 to DB11. When this pin is logic low, byte transfer mode is enabled. Data and the channel ID
are transferred on Pins DB0 to DB7, and Pin DB8/HBEN assumes its HBEN functionality.
Rev. PrN | Page 10 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com