Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8065 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8065
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8065 Datasheet HTML 9Page - Analog Devices AD8065 Datasheet HTML 10Page - Analog Devices AD8065 Datasheet HTML 11Page - Analog Devices AD8065 Datasheet HTML 12Page - Analog Devices AD8065 Datasheet HTML 13Page - Analog Devices AD8065 Datasheet HTML 14Page - Analog Devices AD8065 Datasheet HTML 15Page - Analog Devices AD8065 Datasheet HTML 16Page - Analog Devices AD8065 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8065/AD8066
Rev. E | Page 13 of 28
–100
–90
–80
–70
–60
–50
–40
–30
FREQUENCY (MHz)
0.1
10
1
100
VS = ±12V
VS = ±5V
Figure 34. CMRR vs. Frequency (See Figure 46)
0
0.05
0.10
0.15
0.20
0.25
0.30
ILOAD (mA)
10
020
30
40
VCC – VOH
VOL – VEE
Figure 35. Output Saturation Voltage vs. Output Load Current
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
–PSRR
+PSRR
Figure 36. PSRR vs. Frequency (See Figure 48 and Figure 50)
0
0.01
0.1
1
10
100
10k
100k
100
1k
1M
10M
100M
FREQUENCY (Hz)
G = +2
G = +1
Figure 37. Output Impedance vs. Frequency (See Figure 45 and Figure 47)
30
40
50
60
70
80
45
55
25
35
65
75
85
TEMPERATURE (°C)
VCC – VOH
VOL – VEE
Figure 38. Output Saturation Voltage vs. Temperature
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0.1
10
1
100
VIN = 2V p-p
G = +1
B TO A
A TO B
Figure 39. Crosstalk vs. Frequency (See Figure 51)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com