Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8065 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8065
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8065 Datasheet HTML 17Page - Analog Devices AD8065 Datasheet HTML 18Page - Analog Devices AD8065 Datasheet HTML 19Page - Analog Devices AD8065 Datasheet HTML 20Page - Analog Devices AD8065 Datasheet HTML 21Page - Analog Devices AD8065 Datasheet HTML 22Page - Analog Devices AD8065 Datasheet HTML 23Page - Analog Devices AD8065 Datasheet HTML 24Page - Analog Devices AD8065 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8065/AD8066
Rev. E | Page 21 of 28
LAYOUT, GROUNDING, AND BYPASSING CONSIDERATIONS
POWER SUPPLY BYPASSING
Power supply pins are actually inputs and care must be taken so
that a noise-free stable dc voltage is applied. The purpose of
bypass capacitors is to create low impedances from the supply
to ground at all frequencies, thereby shunting or filtering most
of the noise.
Decoupling schemes are designed to minimize the bypassing
impedance at all frequencies with a parallel combination of
capacitors. 0.1 µF (X7R or NPO) chip capacitors are critical
and should be as close as possible to the amplifier package.
The 4.7 µF tantalum capacitor is less critical for high frequency
bypassing, and, in most cases, only one is needed per board, at
the supply inputs.
GROUNDING
A ground plane layer is important in densely packed PC boards
to spread the current minimizing parasitic inductances.
However, an understanding of where the current flows in a
circuit is critical to implementing effective high speed circuit
design. The length of the current path is directly proportional to
the magnitude of parasitic inductances and therefore the high
frequency impedance of the path. High speed currents in an
inductive ground return will create an unwanted voltage noise.
VTHRESHOLD
VBIAS
S
VP
TO REST OF AMP
VCC
S
VN
R1
Q2
Q5
Q3
Q1
Q6
Q7
Q4
R5
D1
R6
R3
R4
R2
R8
R7
D2
D3
D4
–VEE
IT1
IT2
Figure 56. Simplified Input Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com