Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8065 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8065
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8065 Datasheet HTML 18Page - Analog Devices AD8065 Datasheet HTML 19Page - Analog Devices AD8065 Datasheet HTML 20Page - Analog Devices AD8065 Datasheet HTML 21Page - Analog Devices AD8065 Datasheet HTML 22Page - Analog Devices AD8065 Datasheet HTML 23Page - Analog Devices AD8065 Datasheet HTML 24Page - Analog Devices AD8065 Datasheet HTML 25Page - Analog Devices AD8065 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8065/AD8066
Rev. E | Page 22 of 28
The length of the high frequency bypass capacitor leads is most
critical. A parasitic inductance in the bypass grounding will
work against the low impedance created by the bypass capacitor.
Place the ground leads of the bypass capacitors at the same
physical location. Because load currents flow from the supplies
as well, the ground for the load impedance should be at the
same physical location as the bypass capacitor grounds. For the
larger value capacitors, which are effective at lower frequencies,
the current return path distance is less critical.
LEAKAGE CURRENTS
Poor PC board layout, contaminants, and the board insulator
material can create leakage currents that are much larger than
the input bias current of the AD8065/AD8066. Any voltage
differential between the inputs and nearby runs will set up
leakage currents through the PC board insulator, for example,
1 V/100 GΩ = 10 pA. Similarly, any contaminants on the board
can create significant leakage (skin oils are a common problem).
To significantly reduce leakage, put a guard ring (shield) around
the inputs and input leads that are driven to the same voltage
potential as the inputs. This way there is no voltage potential
between the inputs and surrounding area to set up any leakage
currents. For the guard ring to be completely effective, it must
be driven by a relatively low impedance source and should
completely surround the input leads on all sides, above and
below, using a multilayer board.
Another effect that can cause leakage currents is the charge
absorption of the insulator material itself. Minimizing the
amount of material between the input leads and the guard ring
will help to reduce the absorption. Also, low absorption
materials, such as Teflon® or ceramic, could be necessary in
some instances.
INPUT CAPACITANCE
Along with bypassing and ground, high speed amplifiers can be
sensitive to parasitic capacitance between the inputs and
ground. A few pF of capacitance will reduce the input imped-
ance at high frequencies, in turn increasing the amplifier’s gain,
causing peaking of the frequency response or even oscillations,
if severe enough. It is recommended that the external passive
components connected to the input pins be placed as close as
possible to the inputs to avoid parasitic capacitance. The ground
and power planes must be kept at a small distance from the
input pins on all layers of the board.
OUTPUT CAPACITANCE
To a lesser extent, parasitic capacitances on the output can cause
peaking and ringing of the frequency response. There are two
methods to effectively minimize their effect.
•
As shown in Figure 57, put a small value resistor (RS) in
series with the output to isolate the load capacitor from the
amp’s output stage. A good value to choose is 20 Ω (see
Figure 10).
•
Increase the phase margin with higher noise gains or add a
pole with a parallel resistor and capacitor from −IN to the
output.
RS = 20Ω
VI
AD8065
CL
VO
Figure 57. Output Isolation Resistor
RSH = 1011Ω
VO
RF
CF
CM
RF
CM
CD
CF +CS
CS
VB
IPHOTO
Figure 58. Wideband Photodiode Preamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com