Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550-R1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550-R1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ28550-R1 Datasheet HTML 13Page - Texas Instruments BQ28550-R1 Datasheet HTML 14Page - Texas Instruments BQ28550-R1 Datasheet HTML 15Page - Texas Instruments BQ28550-R1 Datasheet HTML 16Page - Texas Instruments BQ28550-R1 Datasheet HTML 17Page - Texas Instruments BQ28550-R1 Datasheet HTML 18Page - Texas Instruments BQ28550-R1 Datasheet HTML 19Page - Texas Instruments BQ28550-R1 Datasheet HTML 20Page - Texas Instruments BQ28550-R1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
NOTE
When the CHG FET or DSG FET is turned OFF due to fault conditions, bus
communication is not valid. The bus communication will only be activated by removal of
the fault condition (see Table 1).
7.5.8 Regulator
Regulator out voltage is fixed at typically 2.5 V with a minimum output capacitance of 0.1 µF (0.47 µF typ). There
is an internal current limit designed for 60 mA (typ) when output is shorted to GND. When VDD is over 8.0 V
(typ), the regulator is turned off for the safety of the package dissipation.
7.6 Feature Description
7.6.1 Auto-Calibration
The bq28550-R1 device provides an auto-calibration feature that measures the voltage offset error across SRP
and SRN from time-to-time as operating conditions change. It subtracts the resulting offset error from the normal
sense resistor voltage, VSR, for maximum measurement accuracy.
Auto-calibration of the ADC begins on entry to SLEEP mode, except if Temperature() is
≤ 5°C or Temperature()
≥ 45°C.
The gas gauge also performs a single offset when (1) the condition of AverageCurrent()
≤ 100 mA and (2) {cell
voltage change since the last offset calibration
≥ 256 mV} or {temperature change since last offset calibration is
greater than 80°C for
≥ 60 s}.
Capacity and current measurements continue at the last measured rate during the offset calibration when these
measurements cannot be performed. If the battery voltage drops more than 32 mV during the offset calibration,
the load current has likely increased considerably and the offset calibration will be stopped.
7.6.2 Serial 2-Wire Communication System
The 2-wire communication bus supports a slave-only device in a single- or multi-slave configuration with a single-
or multi-master configuration. The device can be part of a shared bus by the unique setting of the 7-bit slave
address. The 2-wire communication is bi-directional, consisting of a serial data line (SDA) and a clock line (SCL).
In receive mode, the SDA terminal operates as an input; whereas, when the device is returning data to the
master, the SDA operates as an open-drain output with an external resistive pull-up. The master device controls
the initiation of the transaction on the bus line.
Data Transfer: Each data bit is transferred during an SCL clock cycle (transition from low-to-high and then high-
to-low). The data signal on the SDA (logic level) must be stable during the high period of the SCL clock pulse. A
change in the SDA logic when SCL is high is interpreted as a START or STOP control signal. If a transfer is
interrupted by a STOP condition, the partial byte transmission shall not be latched. Only the prior messages
transmitted and acknowledged are latched.
Data Format: The data is an 8-bit format with the most significant bit (MSB) first and the least significant bit
(LSB) followed by an Acknowledge bit. If the slave cannot receive or transmit any byte of data until it services a
priority interrupt, it can pull the SCL line low to force the master device into wait state. The slave, once ready to
resume data transfer, can release the SCL line (get out of wait state).
Bus Idle: The bus is considered idle or busy when no master device has control of this device. The SDA and
SCL lines are high when the bus is idle. The appropriate method to go into the STOP condition is to ensure the
bus returns to idle state.
START (S) and STOP (P) Conditions: To initiate communications, the master device transitions the SDA line
from high-to-low when the SCL is high. Conversely, to STOP the communication, the SDA goes low-to-high
when the SCL is high. To continue communication without terminating one transaction and beginning another, a
repeated START (Sr) method can be used without a STOP condition being initiated. These are the only
conditions (START or STOP) when SDA transitions when SCL is high.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com