Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550-R1 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550-R1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button BQ28550-R1 Datasheet HTML 24Page - Texas Instruments BQ28550-R1 Datasheet HTML 25Page - Texas Instruments BQ28550-R1 Datasheet HTML 26Page - Texas Instruments BQ28550-R1 Datasheet HTML 27Page - Texas Instruments BQ28550-R1 Datasheet HTML 28Page - Texas Instruments BQ28550-R1 Datasheet HTML 29Page - Texas Instruments BQ28550-R1 Datasheet HTML 30Page - Texas Instruments BQ28550-R1 Datasheet HTML 31Page - Texas Instruments BQ28550-R1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
Table 9. Control() Subcommands
CNTL Function
CNTL Data
Sealed Access
Description
Set the [FullSleep] bit in Control
SET_FULLSLEEP
0x0010
Yes
Status register to 1
Forces CONTROL_STATUS
SET_HIBERNATE
0x0011
Yes
[HIBERNATE] to 1
Forces CONTROL_STATUS
CLEAR_HIBERNATE
0x0012
Yes
[HIBERNATE] to 0
Forces CONTROL_STATUS
SET_SHUTDOWN
0x0013
Yes
[SHUTDOWN] to 1
Forces CONTROL_STATUS
CLEAR_SHUTDOWN
0x0014
Yes
[SHUTDOWN] to 0
Forces the DOUT pin low to
HOST_DISCONNECT
0x0017
Yes
disable discharge.
Forces the DOUT pin high to
HOST_Enable
0x0018
Yes
enable discharge.
7.6.6.4 CONTROL STATUS: 0x0000
Instructs the gas gauge to return status information to Control Status 0x00/0x01. The status word should include
the following information.
Table 10. CONTROL STATUS Flags
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
High Byte
RSVD
RSVD
RSVD
RSVD
CCA
BCA
RSVD
RSVD
Low Byte
SHUTRQ
HIBERNATE
FULLSLEEP
SLEEP
DSGOFFREQ
RSVD
CHG
DSG
Low Byte
Bit 0 = DSG FET Status, 1 = Discharging allowed (DSG FET ON), 0 = Discharging NOT allowed ( DSG FET
Turned OFF).
Bit 1 = CHG FET Status, 1 = Charging allowed (CHG FET ON), 0 = Charging NOT allowed action to be taken by
Host MCU.
Bit 2 = RSVD (Reserved)
Bit 3 = DSGOFFREQ, DSG FET OFF requested
Bit 4 = SLEEP, Status bit indicating the device is in SLEEP mode. True when set.
Bit 5 = FULLSLEEP, Status bit indicating the device is in FULLSLEEP mode. True when set. The state can be
detected by monitoring the power used by the device because any communication will automatically clear it.
Bit 6 = HIBERNATE, Status bit indicating a request for entry into HIBERNATE from SLEEP mode has been
issued. True when set. Default is 0. Control bit when set will put the device into the lower power state of SLEEP
mode. It is not possible to monitor this bit. Bit 7 = SHUTRQ. Status bit indicating the gas gauge is enabled to
enter SHUTDOWN mode. True when set. Default is 0.
Bit 7 = SHUTRQ, 1 = SHUTDOWN requested
High Byte
Bit 0, 1 = RSVD (Reserved)
Bit 2 = BCA = Status bit indicating the device Board Calibration routine is active. Active when set.
Bit 3 = CCA = Status bit indicating the device Coulomb Counter Calibration routine is active. Active when set.
Bit 4, 5, 6, 7 = RSVD (Reserved)
The following MAC commands are also available.
28
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com