Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550-R1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550-R1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ28550-R1 Datasheet HTML 1Page - Texas Instruments BQ28550-R1 Datasheet HTML 2Page - Texas Instruments BQ28550-R1 Datasheet HTML 3Page - Texas Instruments BQ28550-R1 Datasheet HTML 4Page - Texas Instruments BQ28550-R1 Datasheet HTML 5Page - Texas Instruments BQ28550-R1 Datasheet HTML 6Page - Texas Instruments BQ28550-R1 Datasheet HTML 7Page - Texas Instruments BQ28550-R1 Datasheet HTML 8Page - Texas Instruments BQ28550-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
DOUT
1
2
3
4
5
6
12
11
10
9
8
7
COUT
VM
BAT
VREG
VSS
SRP
SRN
TS
SDA
SCL
GPIO
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
5 Pin Configuration and Functions
Pin Functions
PIN NUMBER
PIN NAME
I/O (1)
DESCRIPTION
1
DOUT
IA
The output of gate drive for discharge FET
2
COUT
IA
The output of gate drive for charge FET
Analog input pin connected to the PACKN through a 510-
Ω resistor. Overcurrent and short-
3
VM
IA
circuit protection circuits use the voltage across VM and VSS to detect if excessive charge or
discharge current is flowing through the protection FETs.
4
BAT
IA
Cell voltage measurement input. ADC input. Connect a 0.1-µF ceramic capacitor to VSS.
2.5-V output voltage of the internal integrated LDO. Connect a 0.1-µF ceramic capacitor to
5
VREG
P
VSS.
6
VSS
P
Device ground
Analog input pin connected to the internal Coulomb counter where SRP is nearest the
7
SRP
IA
CELL– connection. Connect to a 5-m
Ω to 20-mΩ sense resistor.
Analog input pin connected to the internal Coulomb counter where SRN is nearest the
8
SRN
IA
PACKN connection. Connect to a 5-m
Ω to 20-mΩ sense resistor.
9
TS
IA
Pack thermistor voltage sense (use 103AT-type thermistor), ADC input
10
SDA
I/O
Serial Data interface for SMBus
11
SCL
I
Serial Clock interface for SMBus
12
GPIO
I/O
General Purpose I/O for configurable function (CFET Control or ALERT output)
13
PWPD
I/O
Texas Instruments recommends connecting the power pad to VSS on the PCB.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com