Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ28550-R1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ28550-R1 Datasheet HTML 1Page - Texas Instruments BQ28550-R1 Datasheet HTML 2Page - Texas Instruments BQ28550-R1 Datasheet HTML 3Page - Texas Instruments BQ28550-R1 Datasheet HTML 4Page - Texas Instruments BQ28550-R1 Datasheet HTML 5Page - Texas Instruments BQ28550-R1 Datasheet HTML 6Page - Texas Instruments BQ28550-R1 Datasheet HTML 7Page - Texas Instruments BQ28550-R1 Datasheet HTML 8Page - Texas Instruments BQ28550-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
bq28550-R1 Single Cell Li-Ion Battery Gas Gauge and Protection
Not Recommended for New Designs
Check for Samples: bq28550-R1
1
1 Features
•
A Comprehensive Single-Cell Li-Ion Battery Gas
3 Description
Gauge and Protection Integrates All Essential
The Texas Instruments bq28550-R1 battery gas
Functions:
gauge provides current and voltage protection, and
secure, SHA-1/HMAC authentication for single-cell
–
Low-Side N-CH FET Protection Control
Lithium-Ion battery packs. Designed for battery-pack
–
JEITA/Enhanced Charging
integration,
the
bq28550-R1
requires
host
–
Authentication
microcontroller firmware support for implementation.
A system processor communicates with the bq28550-
•
Records Battery Gas Gauge Information
R1 using a serial interface to obtain remaining battery
•
Protection Functions Help to Prevent:
capacity, system run-time predictions, and other
–
Short-Circuit
critical battery information.
–
Overcurrent Charge and Discharge
The bq28550-R1 gas gauge uses an accurate gas
–
Overvoltage Charge (Overcharge)
gauging algorithm to report the status of the cell. The
gauge provides information such as state-of-charge
–
Undervoltage (Over-Discharge)
(%), run-time-to-empty (min.), charge-time to full
•
Firmware Control of Discharge FET
(min.),
battery
voltage
(V),
and
pack
•
SHA-1/HMAC Battery Authentication
temperature (°C).
•
General Purpose I/O Configurable for One of the
The bq28550-R1 gas gauge also features integrated
Following:
support for secure battery-pack authentication, using
–
CFET Control
the SHA-1/HMAC authentication algorithm.
–
ALERT Output
Device Information(1)
•
I2C Communications Interface with SBS
DEVICE NAME
PACKAGE
BODY SIZE
Command Set Operation
bq28550-R1
VSON (12)
4.00 mm × 2.50 mm
•
12-pin, 2.50-mm x 4.00-mm SON Package
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
•
Tablet PCs
•
Slates
•
Digital Still and Video Cameras
•
Handheld Terminals
•
MP3 or Multimedia Players
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ28550-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ28550 TI1-BQ28550 Datasheet
582Kb / 33P
bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
bq28550DRZR TI1-bq28550DRZR Datasheet
582Kb / 33P
bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
bq28550DRZT TI1-bq28550DRZT Datasheet
582Kb / 33P
bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
More results

Similar Description - BQ28550-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
Smart Li-Ion Battery Gas Gauge
logo
Texas Instruments
BQ28550 TI1-BQ28550 Datasheet
582Kb / 33P
bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
Single Cell Li-Ion Battery Gas Gauge and Protection
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ28Z560-R1 TI1-BQ28Z560-R1_14 Datasheet
1Mb / 61P
Single Cell Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com