Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACP-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8555ACP-R2
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACP-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8555ACP-R2 Datasheet HTML 4Page - Analog Devices AD8555ACP-R2 Datasheet HTML 5Page - Analog Devices AD8555ACP-R2 Datasheet HTML 6Page - Analog Devices AD8555ACP-R2 Datasheet HTML 7Page - Analog Devices AD8555ACP-R2 Datasheet HTML 8Page - Analog Devices AD8555ACP-R2 Datasheet HTML 9Page - Analog Devices AD8555ACP-R2 Datasheet HTML 10Page - Analog Devices AD8555ACP-R2 Datasheet HTML 11Page - Analog Devices AD8555ACP-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8555
Rev. 0 | Page 8 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VSS
8
VOUT
7
VCLAMP
6
VPOS
5
VDD
1
FILT/DIGOUT
2
DIGIN
3
VNEG
4
AD8555
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead SOIC (Not Drawn to Scale)
12
11
10
9
NC
VCLAMP
NC
VOUT
1
NC
2
3
4
DIGIN
NC
FILT/DIGOUT
AD8555
TOP VIEW
PIN 1
INDICATOR
NC = NO CONNECT
Figure 3. 16-Lead LFCSP (Not Drawn to Scale)
Table 5. Pin Configuration
SOIC
LFCSP
Pin No.
Mnemonic
Pin No.
Mnemonic
Description
1
VDD
N/A
N/A
Positive Supply Voltage.
2
FILT/DIGOUT
2
FILTDIGOUT
Unbuffered Amplifier Output In Series with a Resistor RF. Adding a capacitor
between FILT and VDD or VSS implements a low-pass filtering function. In
read mode, this pin functions as a digital output.
3
DIGIN
4
DIGIN
Digital Input.
4
VNEG
6
VNEG
Negative Amplifier Input (Inverting Input).
5
VPOS
8
VPOS
Positive Amplifier Input (Noninverting Input).
6
VCLAMP
10
VCLAMP
Set Clamp Voltage at Output.
7
VOUT
12
VOUT
Buffered Amplifier Output. Buffered version of the signal at the FILT/DIGOUT
pin. In read mode, VOUT is a buffered digital output.
8
VSS
N/A
N/A
Negative Supply Voltage.
N/A
N/A
13, 14
DVSS, AVSS
Negative Supply Voltage.
N/A
N/A
15, 16
DVDD, AVDD
Positive Supply Voltage.
N/A
N/A
1, 3, 5, 7, 9, 11
NC
Do Not Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com