Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACP-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8555ACP-R2
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACP-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8555ACP-R2 Datasheet HTML 11Page - Analog Devices AD8555ACP-R2 Datasheet HTML 12Page - Analog Devices AD8555ACP-R2 Datasheet HTML 13Page - Analog Devices AD8555ACP-R2 Datasheet HTML 14Page - Analog Devices AD8555ACP-R2 Datasheet HTML 15Page - Analog Devices AD8555ACP-R2 Datasheet HTML 16Page - Analog Devices AD8555ACP-R2 Datasheet HTML 17Page - Analog Devices AD8555ACP-R2 Datasheet HTML 18Page - Analog Devices AD8555ACP-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD8555
Rev. 0 | Page 15 of 28
TIME (10
µs/DIV)
2
T
VS = ±2.5V
GAIN = 70
CL = 0.05µF
Figure 40. Large Signal Response
FREQUENCY (kHz)
0.1
10
1
100
1M
1
10
100
1k
VSY = ±2.5V
AV = 70
Figure 41. Output Impedance vs. Frequency
0V
0V
VIN
VOUT
Figure 42. Negative Overload Recovery (Gain = 70)
VIN
0V
0V
VOUT
Figure 43. Positive Overload Recovery (Gain = 70)
0V
0V
VIN
–2.5V
Figure 44. Negative Overload Recovery (Gain = 1280)
VIN
VOUT
0V
0V
Figure 45. Positive Overload Recovery (Gain = 1280)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com