Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACP-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # AD8555ACP-R2
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACP-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD8555ACP-R2 Datasheet HTML 20Page - Analog Devices AD8555ACP-R2 Datasheet HTML 21Page - Analog Devices AD8555ACP-R2 Datasheet HTML 22Page - Analog Devices AD8555ACP-R2 Datasheet HTML 23Page - Analog Devices AD8555ACP-R2 Datasheet HTML 24Page - Analog Devices AD8555ACP-R2 Datasheet HTML 25Page - Analog Devices AD8555ACP-R2 Datasheet HTML 26Page - Analog Devices AD8555ACP-R2 Datasheet HTML 27Page - Analog Devices AD8555ACP-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD8555
Rev. 0 | Page 26 of 28
LOAD CAPACITANCE (nF)
100.0
0.1
1.0
10.0
60
50
40
30
20
10
0
RS
CL
VS = ±2.5V
RS = 0
RS = 10
RS = 20
RS = 50
RS = 100
Figure 58. Negative Overshoot Graph vs. CL
RF INTERFERENCE
All instrumentation amplifiers show dc offset as the result of
rectification of high frequency out-of-band signals that appear
at their inputs. The circuit in Figure 59 provides good RFI sup-
pression without reducing performance within the AD8555 pass
band. Resistor R1 and Capacitor C1, and likewise Resistor R2
and Capacitor C2, form a low-pass RC filter that has a −3 dB
bandwidth equal to f(−3 dB) = 1/2 π × R1 × C1. It can be seen that
R1, R2 and C1, C2 form a bridge circuit whose output appears
across the amplifier’s input pins. Any mismatch between C1, C2
unbalances the bridge and reduce the common-mode rejection.
Using the component values shown, this filter has a bandwidth
of approximately 40 kHz. To preserve common-mode rejection
in the AD8555’s pass band, capacitors need to be 5% (silver
mica) or better and should be placed as close to its inputs as
possible. Resistors should be 1% metal film. Capacitor C3 is
needed to maintain common-mode rejection at low frequencies.
This introduces a second low-pass network, R1 + R2 and C3
that has a −3 dB frequency equal to 1/(2 π × (R1 + R2)(C3)).
This circuit’s −3 dB signal bandwidth is approximately 4 kHz
when a C3 value of 0.047 µF is used (see Figure 59).
1
2
3
4
5
6
7
8
AD8555
VDD
FILT/DIGOUT
DIGIN
VNEG
VSS
VOUT
VCLAMP
VPOS
VPOS
VDD
VDD
VSS
VNEG
R2
4.02k
Ω
R1
4.02k
Ω
C3
0.047
µF
C2
1nF
C1
1nF
Figure 59. RFI Suppression Method
SINGLE-SUPPLY DATA ACQUISITION SYSTEM
Interfacing bipolar signals to single-supply analog-to-digital
converters (ADCs) presents a challenge. The bipolar signal must
be mapped into the input range of the ADC. Figure 60 shows
how this translation can be achieved. The output offset can be
programmed to a desirable level to accommodate the input
voltage requirement of the ADC.
1
2
3
4
5
6
7
8
AD8555
VDD
FILT/DIGOUT
DIGIN
VNEG
2
4
AD7476
12 BIT
AIN
VDD
VSS
VOUT
VCLAMP
VPOS
VDD
VDD
SDIGIN
10nF
0
100
Ω
100
Ω
100
Ω
100
Ω
Figure 60. A Single-Supply Data Acquisition Circuit Using the AD8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com