Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8555ACP-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8555ACP-R2
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8555ACP-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8555ACP-R2 Datasheet HTML 6Page - Analog Devices AD8555ACP-R2 Datasheet HTML 7Page - Analog Devices AD8555ACP-R2 Datasheet HTML 8Page - Analog Devices AD8555ACP-R2 Datasheet HTML 9Page - Analog Devices AD8555ACP-R2 Datasheet HTML 10Page - Analog Devices AD8555ACP-R2 Datasheet HTML 11Page - Analog Devices AD8555ACP-R2 Datasheet HTML 12Page - Analog Devices AD8555ACP-R2 Datasheet HTML 13Page - Analog Devices AD8555ACP-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8555
Rev. 0 | Page 10 of 28
TEMPERATURE (°C)
175
–75
–25
25
75
125
1
100
10
VS = 5V
Figure 10. Input Bias Current at VPOS, VNEG vs. Temperature
VCM (V)
5
0
1234
1
100
10
VS = 5V
Figure 11. Input Bias Current at VPOS, VNEG vs. Common-Mode Voltage
TEMPERATURE (°C)
150
–50
–25
0
25
50
75
100
125
0.5
0.4
0.2
0.1
0
0.3
–0.1
–0.2
–0.3
–0.4
–0.5
Figure 12. Input Offset Current vs. Temperature
DIGITAL INPUT VOLTAGE(V)
6
0
123
45
0
2.5
2.0
1.5
1.0
0.5
VS = 5.5V
Figure 13. Digital Input Current vs. Digital Input Voltage (Pin 3)
VCLAMP VOLTAGE (V)
6
02
3
14
5
10
1000
100
–40°C
+25°C
+125°C
VS = 5V
Figure 14. VCLAMP Current Over Temperature at VS = 5 V vs. VCLAMP Voltage
VCLAMP VOLTAGE (V)
2.7
02
1
10
1000
100
–40
+25
+125
VS = 2.7V
Figure 15. VCLAMP Current Over Temperature at VS = 2.7 vs. VCLAMP Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com