Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBTR-R1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350DBTR-R1
Description  Battery Management Controller Companion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350DBTR-R1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ78350DBTR-R1 Datasheet HTML 15Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 16Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 17Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 18Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 19Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 20Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 21Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 22Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
bq78350-R1
www.ti.com
SLUSCD0 – AUGUST 2015
To calculate the External Temp Model coefficients, use the bq78350-R1 Family Thermistor Coefficient
Calculator shown in the application note, Using the bq78350 (SLUA726).
For improved accuracy, offset calibration is available for this value and can be managed through the bqSTUDIO
tool. The procedure for calibration is described in the bq78350-R1 Technical Reference Manual (SLUUBD3) in
the "Calibration" chapter.
10.2.3.2 Gas Gauging
The default battery chemistry (Chem ID) is 1210, which is a Li-CoO2 type chemistry. Other secondary Li-Ion
based Chem IDs can be obtained from MathCAD Chemistry Selection Tool (SLUC138).
The default maximum capacity of the battery is 4400 mAh and this should be changed based on the cell and
battery configuration chosen.
QMAX = Design Capacity of the Cell × # of parallel cells
Where: Design Capacity of the Cell can be taken from the manufacturer data sheet.
The CEDV gas gauging algorithm requires seven coefficients to enable accurate gas gauging. The default values
are generic for Li-CoO2 chemistry, but for accurate gas gauging these coefficients should be re-calculated. The
procedure
to
gather
the
required
data
and
generate
the
coefficients
can
be
found
at
http://www.ti.com/tool/GAUGEPARCAL.
10.2.3.3 Charging
The charging algorithm in the bq78350-R1 is configured to support Constant Voltage/Constant Current (CC/CV)
charging of a nominal 18-V, 4400-mAh battery.
10.2.3.3.1
Fast Charging Voltage
The charging voltage is configured (Fast Charging: Voltage) based on an individual cell basis (for example, 4200
mV), but the ChargingVoltage() is reported as the required battery voltage (for example, 4200 mV × 5 =
21000 mV).
10.2.3.3.2
Fast Charging Current
The fast charging current is configured to 2000 mA (Fast Charging: Current) by default, which is conservative for
the majority of 4400-mAh battery applications. This should be configured based on the battery configuration, cell
manufacturer's data sheet, and system power design requirements.
10.2.3.3.3
Other Charging Modes
The bq78350-R1 is configured to limit, through external components, and report either low or 0
ChargingVoltage() and ChargingCurrent(), based on temperature, voltage, and fault status information.
The "Charge Algorithm" section of the bq78350-R1 Technical Reference Manual (SLUUBD3) details these
features and settings.
10.2.3.4 Protection
The safety features and settings of the bq78350-R1 are configured conservatively and are suitable for bench
evaluation. However, in many cases, users will need to change these values to meet system requirements.
These values should not be changed to exceed the safe operating limits provided by the cell manufacturer and
any industry standard.
For details on the safety features and settings, see the "Protections" and "Permanent Fail" sections of the
bq78350-R1Technical Reference Manual (SLUUBD3).
10.2.3.5 Peripheral Features
10.2.3.5.1
LED Display
The bq78350-R1 is configured by default to display up to five LEDs in a bar graph configuration based on the
value of RemainingStateOfCharge() (RSOC). Each LED represents 20% of RSOC and is illuminated when the
bq78350-R1 DISP pin transitions low, and remains on for a programmable period of time.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: bq78350-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com