Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBTR-R1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350DBTR-R1
Description  Battery Management Controller Companion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350DBTR-R1 Datasheet(HTML) 5 Page - Texas Instruments

  BQ78350DBTR-R1 Datasheet HTML 1Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 2Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 3Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 4Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 5Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 6Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 7Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
bq78350-R1
www.ti.com
SLUSCD0 – AUGUST 2015
8 Specifications
8.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC relative to VSS
Supply voltage range
–0.3
2.75
V
V(IOD) relative to VSS
Open-drain I/O pins
–0.3
6
V
VI relative to VSS
Input voltage range to all other pins
–0.3
VCC + 0.3
V
Operating free-air temperature range, TA
–40
85
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
VALUE
UNIT
Human Body Model (HBM) ESD stress voltage(1)
±2000
V(ESD)
V
Charged Device Model (CDM) ESD stress voltage(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
VCC = 2.4 V to 2.6 V, TA = –40°C to 85°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.4
2.5
2.6
V
SAFE
VCC
SMBC, SMBD, VEN
5.5
V
VO
Output voltage range
ADREN, GPIO A, GPIO B, SDATA, SCLK,
VCC
PWRM, LED1...5 (when used as GPO)
BAT, VAUX, SMBA
1
SMBD, SMBC, ALERT, DISP, PRES, KEYIN
5.5
VIN
Input voltage range
V
SDATA, GPIO A, GPIO B, LED1...5 (when
VCC
used as GPI)
TOPR
Operating Temperature
–40
85
°C
8.4 Thermal Information
bq78350-R1
THERMAL METRIC(1)
TSSOP (DBT)
UNIT
30 PINS
RθJA, High K
Junction-to-ambient thermal resistance
81.4
RθJC(top)
Junction-to-case(top) thermal resistance
16.2
RθJB
Junction-to-board thermal resistance
34.1
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
33.6
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq78350-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com