Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBTR-R1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350DBTR-R1
Description  Battery Management Controller Companion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350DBTR-R1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ78350DBTR-R1 Datasheet HTML 16Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 17Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 18Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 19Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 20Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 21Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 22Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 23Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
bq78350-R1
SLUSCD0 – AUGUST 2015
www.ti.com
In addition to many other options, the number of LEDs used and the percentage at which they can be illuminated
are configurable.
10.2.3.5.2
SMBus Address
Although the SMBus slave address is a configurable value in the bq78350-R1, this feature is disabled by default
and the slave address is 0x16. The SMBus Address feature can allow up to nine different addresses based on
external resistor value variation per address.
The default setup of the bq78350-R1 is generic, but there are many additional features that can be enabled and
configured to support a variety of system requirements. These are detailed in the bq78350-R1 Technical
Reference Manual (SLUUBD3).
10.2.4 Application Performance Plots
When the bq78350-R1 is powered up, there are several signals that are enabled at the same time. Figure 9
shows the rise time of each of the applicable signals.
Figure 9. VCC, MRST, VEN, and PWRM upon Power Up
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq78350-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com