Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ78350DBTR-R1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350DBTR-R1
Description  Battery Management Controller Companion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350DBTR-R1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ78350DBTR-R1 Datasheet HTML 1Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 2Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 3Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 4Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 5Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 6Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 7Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 8Page - Texas Instruments BQ78350DBTR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
BAT
VC5
VC4
VC3
VC2
VC1
VSS
SCL
SDA
CHG
DSG
REGSRC
REGOUT
SRN
SRP
VC0
CAP 1
TS 1
ALERT
PUSH-BUTTON
FOR BOOT
PACK+
PACK–
VCC
ALERT
SDA
SCL
VSS
SMBD
SMBC
SMBD
SMBC
bq76920
PRES
LED1
LED2
LED3
LED4
LED5
KEYIN
BAT
VEN
COM
PWRM
GPIOA
SAFE
VAUX
SMBA
GPIOB
ADREN
RBI
PRECHG
MRST
DISP
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq78350-R1
SLUSCD0 – AUGUST 2015
bq78350-R1 CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to
the bq769x0 Battery Monitoring AFE
1
1 Features
•
Compensated End-of-Discharge Voltage (CEDV)
State-Of-Charge Indication
Gauging Algorithm
•
Provides SHA-1 Authentication
•
Supports SMBus Host Communication
2 Applications
•
Flexible Configuration for 3- to 5-Series
(bq76920), 6- to 10-Series (bq76930), and 9- to
•
Light Electric Vehicles (LEVs): eBikes, eScooters,
15-Series (bq76940) Li-Ion and LiFePO4 Batteries
Pedelec, and Pedal-Assist Bicycles
•
Supports Battery Configurations up to 320 Ahr
•
Power and Gardening Tools
•
Supports Charge and Discharge Current
•
Battery Backup and Uninterruptible Power Supply
Reporting up to 320 A
(UPS) Systems
•
On-Chip Temperature Sensor Option
•
Wireless Base Station Backup Systems
•
External NTC Thermistor Support from
•
Telecom Power Systems
Companion AFE
3 Description
•
Full Array of Programmable Protection Features
The
Texas
Instruments
bq78350-R1
Li-Ion
and
–
Voltage
LiFePO4
Battery
Management
Controller
and
–
Current
companion to the bq769x0 family of Analog Front
–
Temperature
End
(AFE)
protection
devices
provides
a
comprehensive set of Battery Management System
–
System Components
(BMS) subsystems, helping to accelerate product
•
Lifetime Data Logging
development for faster time-to-market.
•
Supports CC-CV Charging, Including Precharge,
Charge Inhibit, and Charge Suspend
Device Information(1)
•
Offers an Optional Resistor Programmable
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SMBus Slave Address for up to Eight Different
bq78350-R1
TSSOP (30)
7.80 mm x 6.40 mm
Bus Addresses
(1) For all available packages, see the orderable addendum at
•
Drives up to a 5-Segment LED or LCD Display for
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ78350DBTR-R1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78350DBTR-R1 TI2-BQ78350DBTR-R1 Datasheet
947Kb / 31P
bq78350-R1 CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the bq769x0 Battery Monitoring AFE
REVISED NOVEMBER 2018
BQ78350DBTR-R1.A TI2-BQ78350DBTR-R1.A Datasheet
947Kb / 31P
bq78350-R1 CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the bq769x0 Battery Monitoring AFE
REVISED NOVEMBER 2018
BQ78350DBTR-R1A TI1-BQ78350DBTR-R1A Datasheet
590Kb / 26P
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
BQ78350DBTR-R1A TI2-BQ78350DBTR-R1A Datasheet
975Kb / 31P
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
DECEMBER 2019
BQ78350DBTR-R1A TI2-BQ78350DBTR-R1A Datasheet
979Kb / 32P
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
DECEMBER 2019
More results

Similar Description - BQ78350DBTR-R1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
Geode??CS9210 Graphics Companion DSTN Controller
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
Controller for power supply and battery management
2003 Oct 31
logo
Texas Instruments
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
PowerLAN??Master Gateway Battery Management Controller
logo
Freescale Semiconductor...
MC56F825X FREESCALE-MC56F825X Datasheet
3Mb / 88P
Digital Signal Controller Battery chargers and management
logo
Texas Instruments
TWL92230 TI1-TWL92230 Datasheet
1Mb / 141P
ENERGY MANAGEMENT DEVICE COMPANION DEVICE FOR OMAP24xx
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
Battery Management
logo
Texas Instruments
BQ78350 TI1-BQ78350 Datasheet
2Mb / 39P
Battery Management Controller Companion
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
PowerLAN??Master Gateway Battery Management Controller
BQ78350-R1A TI1-BQ78350-R1A Datasheet
590Kb / 26P
BQ78350-R1A CEDV Li-Ion Gas Gauge and Battery Management Controller Companion to the BQ769x0 Battery Monitoring AFE
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
Battery management communication gateway
Rev. 3 - 29 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com