Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD11GLGL Datasheet(PDF) 3 Page - Jianghai Europe GmbH

Part # CD11GLGL
Description  Suited for ballast and energy-saved lamp application of which high temperature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD11GLGL Datasheet(HTML) 3 Page - Jianghai Europe GmbH

  CD11GLGL Datasheet HTML 1Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 2Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 3Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 4Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 5Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 6Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
8
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Part Number System
Order Code SMD, Radial, Snap-In
Dimensions for loose, short cut leads (bulk)
Order Code: CC (CB, CD, CE, CF)
Straight Lead
Bended Lead
Code
CB
CC
CD
CE
CF
l
5,0 ± 0,5
4,5 ± 0,5
4,0 ± 0,5
3,5 ± 0,5
3,0 ± 0,5
in mm
preferred
EC
R
1C
PT
101
M
FF
25
0611
JExxxxx
Technology
Terminal
Type
Rated
Voltage Code
Series Code
Capacitance
Code (in µF)
Capacitance
Tolerance
Lead Form
Terminal/
Pitch Size
Size
Ø D x L
Material Code
Rubber Type
for Specials
only
EC = Electrolytric
Capacitor
SMD
= V
2,5V = 0E CD 110 = PT
0,47 = R47 ±20%
= M SMD:
4x7
= 0407
- = Standard
- = Standard
Radial = R
4V = 0G CD 11GL = GL
1,0 = 010 ±10%
= K Taped
= FF Terminal = T2 5x11,5 = 0511
V = PCV Sleeve F = Flat Rubber
PC = Polymer
Capacitor
Snap-In = S
6,3V = 0J CD 261 = LK
2,2 = 2R2 +20 / -0% = R Radial:
6,3x11,5 = 0611
E = PET Sleeve S = Stand-Off
10V = 1A CD 261X = QX
10 = 100 +20 / -10% = V Taped
= FF 2,0mm = 20 35x80 = 3580
16V = 1C CD 262 = QM
100 = 101 +30 / -10% = Q Long Lead
= LL 2,5mm = 25 45x100 = 45100
20V = 1D CD 263 = BK
1000 = 102 +50 / -10% = T
Cut 5,0mm
= CB 3,5mm = 35
25V = 1E CD 269 = PH 10000 = 103
Cut 4,5mm
= CC 5,0mm = 50
35V = 1V CD 269L = HL
Cut 4,0mm
= CD 7,5mm = 75
40V = 1G CD 281 = LL
Cut 3,5mm
= CE 10,0mm = 10
50V = 1H CD 281L = LH
Cut 3,0mm
= CF
12,5mm = 12
63V = 1J CD 287 = GC
on request: alternative lead forms (Keyed
Polarity, axial, 90° - angle, others)
80V = 1K CD 28L = QL
100V = 2A CD 293 = BZ
Snap-in:
160V = 2C CD 294 = BW
4,0mm Pin Length
= T/L4 2 Pin
= P2
180V = 2K CD 295 = BC
6,3mm Pin Length =T/L6 3 Pin
= P3
200V = 2D CD 296 = KC
Soldering Pin
= S4
4 Pin
= P4
250V = 2E CD 297 = BB
on request:
alternative pin types
5 Pin
= P5
315V = 2F CD 299 = PG
350V = 2V CD 29D = HR
385V = 2J CD 29G = BA
preferred
400V = 2G CD 29H = QH
415V = 2P CD 29L = QL
420V = 2X CD 29U = CU
450V = 2W CD 801 = ZP
500V = 2H CD 804 = ZM
550V = 2Y CD 811 = ZN
575V = 2Z CD 840 = ZQ
600V = 2S CD 891 = ZJ
630V = J2 CD 892 = ZL
CD 895 = ZK
Polymer on
request
Order Code SMD, Radial, Snap-In
2.5max
L
L ≤ 7
L ≥ 11
Ø D
3
4
5
6,3
8
5
6,3
8
10 12,5 16
18 20 22 25
F
1
1,5 2,0 2,5 3,5 2,0 2,5 3,5
5,0
7,5
10,0
12,5
Ø d 0,4
0,45
0,5
0,6
0,8
1,0
a
Max
1,0
2,0
2,5
For diameter 20 pitch 7,5 on request.
in mm
Dimensions for loose, long-lead type (bulk)
Order Code: LL
Technical Specification Radial Type
l



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com