Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD11GLGL Datasheet(PDF) 1 Page - Jianghai Europe GmbH

Part # CD11GLGL
Description  Suited for ballast and energy-saved lamp application of which high temperature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD11GLGL Datasheet(HTML) 1 Page - Jianghai Europe GmbH

  CD11GLGL Datasheet HTML 1Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 2Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 3Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 4Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 5Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 6Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
18
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
6000h at 125°C
· Suited for ballast and energy-saved lamp
· application of which high temperature and
high reliability are required
CD 11GL GL Series
item
Characteristics
operating Temperature range (°C)
-40 ~ +125
-25 ~ +125
Voltage range (V)
160 ~ 250
350 ~ 450
Capacitance range (µF)
1 ~ 330
Capacitance Tolerance (20°C, 120Hz)
± 20%
Leakage Current (µA)
After 1 minute at 20°C application of rated voltage, leakage current is not more than 0,03CV+70.
C: Nominal Capacitance (µF)
V: Rated Voltage (V)
Dissipation Factor (20°C, 120Hz)
Rated Voltage (V)
160
200
250
350
400
450
Tanδ(max)
0,12
0,12
0,12
0,15
0,15
0,15
useful Life
Load Life
Endurance Test
Shelf Life
Lifetime
6 000h
80 000h
Ø10:
4000h
Ø12,5~18: 5000h
6000h
500h
Leakage Current
Not more than specified value
Not more than specified
value
Not more than specified
value
Not more than specified
value
Capacitance Change
Within ± 30% of initial value
Within ± 25% of initial
value
Within ± 25% of initial
value
Within ± 20% of initial
value
Dissipation Factor
Not more than 300% of specified value Not more than 300% of
specified value
Not more than 300% of
specified value
Not more than 200% of
specified value
Condition:
Applied Voltage
Applied Current
Applied Temperature
outlier Percentage
U
R
I
R
125°C
< 1%
U
R
1,5 x I
R
75°C
< 1%
U
R
I
R
125°C
0%
U
R
I
R = 0
125°C
IEC 60384
U
R = 0
I
R = 0
125°C
0%
After test:
U
R to be applied
for 30min
>24h before
measurement
60
70
80
90
100
110
120
130
CD
11GLGLSeries
TA (˚C)
IA
–––
IR
X32
X16
X8
X4
X2
X1
Lifetime
Multiplier
2.5
2.0
1.5
1.0
0.5
0.0
I
A = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 125°C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
Frequency
50Hz
120Hz
500Hz
1kHz
>10kHz
Coefficient
0,80
1,0
1,2
1,3
1,5
Multiplier for Ripple Current
Frequency Coefficient
CD 269 PH
CD 261 LK
125°C
CD 11GL GL
CD 269L HL
longer life
higher voltage
Multiplier for Lifetime
Lifetime Diagram


Similar Part No. - CD11GLGL

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD11GGW JIANGHAI-CD11GGW Datasheet
1Mb / 4P
High Pipple Current at High Temperature
logo
AiSHi Capacitor
CD11GN AISHI-CD11GN Datasheet
1Mb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - CD11GLGL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
Resonant Lamp Ballast Controller
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
406Kb / 11P
Suited for LAN and Telecom Applications
logo
Infineon Technologies A...
ICB1FL02G INFINEON-ICB1FL02G Datasheet
1Mb / 37P
Smart Ballast Control IC for Fluorescent Lamp Ballasts
Version 1.2, Feb 2006
logo
DB Lectro Inc
JQ104E DBLECTRO-JQ104E Datasheet
382Kb / 3P
Suitable for automobile and lamp accessories application
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V Datasheet
2Mb / 12P
Ballast Control IC for Compact Fluorescent Lamp
FAN7387V FAIRCHILD-FAN7387V_12 Datasheet
1,018Kb / 12P
Ballast Control IC for Compact Fluorescent Lamp
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
Resonant Lamp Ballast Controller
UC2872DW TI-UC2872DW Datasheet
387Kb / 11P
Resonant Lamp Ballast Controller
logo
STMicroelectronics
AN880 STMICROELECTRONICS-AN880 Datasheet
192Kb / 14P
A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
Feb-2003
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
This application note describes the electronic lamp ballast for 70 W high intensity discharge
13-May-2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com