Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD11GLGL Datasheet(PDF) 6 Page - Jianghai Europe GmbH

Part # CD11GLGL
Description  Suited for ballast and energy-saved lamp application of which high temperature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD11GLGL Datasheet(HTML) 6 Page - Jianghai Europe GmbH

  CD11GLGL Datasheet HTML 1Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 2Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 3Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 4Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 5Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 6Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
15
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Life Time Estimation
3. K
V Voltage Factor: For Radial Electrolytic Capacitors, this part of the formula has no impact (KV = 1). But for
some bigger capacitors like Snap-In and Screw-Terminal types with rated voltages above 350V, the operating
voltage will affect their Lifetime. It is expressed as follows:
( )
K
V =
U
A
U
R
-n
Where:
U
R
Rated Voltage
U
A
Actual Operating Voltage
n
Exponent, defined as:
0,5 ≤
U
A
≤ 1
→
n = 2,5
U
R
0 <
U
A
< 0,5 → n = 0
U
R
4.
Frequency Correction Factors: If the actual Ripple Currents are not given at the same frequency like I
0,
weighing factors need to be applied.
I
A
Actual Rated Ripple Current (normalized)
I
f1 ... Ifn
Ripple Currents at different frequencies
F
f1 ... Ffn
Frequency Correction Factors for different frequencies
I
A =
(
I
f 1
)
2
+
F
f 1
(
I
f 2
)
2
+
F
f 2
...
(
I
f n
)
2
F
f n
L = L
0 · KT · KR · KV
5.
JiAnGHAi Electrolytic Capacitor Lifetime Estimation Formula
T
0-TA
[1- (
I
A
) 2]·
∆ T
0
U
A
=
L
0· 2
10K · K
i
I
R
10K · ( )
-n
U
R
T
0 = 105°C
I
A > IR → Ki =
4
I
A ≤ IR → Ki =
2
T
0 =
85°C
→
K
i =
2
0,5 ≤
U
A
≤ 1
→
n = 2,5
U
R
0 <
U
A
< 0,5 → n = 0
U
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com