Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD11GLGL Datasheet(PDF) 2 Page - Jianghai Europe GmbH

Part # CD11GLGL
Description  Suited for ballast and energy-saved lamp application of which high temperature
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD11GLGL Datasheet(HTML) 2 Page - Jianghai Europe GmbH

  CD11GLGL Datasheet HTML 1Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 2Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 3Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 4Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 5Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 6Page - Jianghai Europe GmbH CD11GLGL Datasheet HTML 7Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
19
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0)2151 652088-72 or info@jianghai-europe.com
Customer specific products and adaptions on request.
Ratings for CD
11GL GL Series
CD 11GL GL Series
u
r.DC
(Surge
Voltage)
Code
rated
Capacitance
Max ESr
20°C, 120Hz
Typ ESr
20°C,120Hz
Max
ripple
Current
125°C,
120Hz
Size
Ø D x L
(V)
(µF)
(Ω)
(Ω)
(mArms)
(mm)
160
(200)
2C
10
15,9
8
62
10 x 16
22
7,2
3,6
101
10 x 20
33
4,8
2,4
139
12,5 x 20
47
3,4
1,7
165
12,5 x 20
100
1,6
0,80
302
16 x 25
220
0,70
0,40
514
18 x 31,5
330
0,50
0,20
673
18 x 36
200
(250)
2D
10
15,9
8,0
62
10 x 16
22
7,2
3,6
101
10 x 20
33
4,8
2,4
139
12,5 x 20
47
3,4
1,7
165
12,5 x 20
100
1,6
0,80
302
16 x 25
220
0,70
0,40
514
18 x 31,5
330
0,50
0,20
673
18 x 36
250
(300)
2E
4,7
33,9
16,9
42
10 x 16
6,8
23,4
11,7
51
10 x 16
10
15,9
8,0
68
10 x 20
22
7,2
3,6
113
12,5 x 20
33
4,8
2,4
153
12,5 x 25
47
3,4
1,7
207
16 x 25
100
1,6
0,80
346
18 x 31,5
220
0,70
0,40
550
18 x 36
350
(400)
2V
2,2
90,5
36,2
26
10 x 16
3,3
60,3
24,1
32
10 x 16
4,7
42,3
16,9
42
10 x 20
5,6
35,5
14,2
46
10 x 20
6,8
29,3
11,7
56
12,5 x 20
10
19,9
8,0
68
12,5 x 20
22
9,0
3,6
112
12,5 x 25
33
6,0
2,4
155
16 x 25
47
4,2
1,7
201
16 x 31,5
400
(450)
2G
2,2
90,5
36,2
26
10 x 16
3,3
60,3
24,1
32
10 x 16
4,7
42,3
16,9
42
10 x 20
5,6
35,5
14,2
46
10 x 20
6,8
29,3
11,7
56
12,5 x 20
10
19,9
8,0
68
12,5 x 20
22
9,0
3,6
112
12,5 x 25
33
6,0
2,4
155
16 x 25
47
4,2
1,7
201
16 x 31,5
450
(500)
2W
2,2
90,5
36,2
26
10 x 16
3,3
60,3
24,1
32
10 x 16
4,7
42,3
16,9
42
10 x 20
5,6
35,5
14,2
51
12,5 x 20
6,8
29,3
11,7
56
12,5 x 20
10
19,9
8,0
75
12,5 x 25
22
9,0
3,6
127
16 x 25
33
6,0
2,4
168
16 x 31,5
47
4,2
1,7
212
18 x 31,5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com