Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390D Datasheet(PDF) 2 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 2 Page - Texas Instruments

  DP8390D Datasheet HTML 1Page - Texas Instruments DP8390D Datasheet HTML 2Page - Texas Instruments DP8390D Datasheet HTML 3Page - Texas Instruments DP8390D Datasheet HTML 4Page - Texas Instruments DP8390D Datasheet HTML 5Page - Texas Instruments DP8390D Datasheet HTML 6Page - Texas Instruments DP8390D Datasheet HTML 7Page - Texas Instruments DP8390D Datasheet HTML 8Page - Texas Instruments DP8390D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
TLF8582
July 1995
DP8390DNS32490D NIC Network Interface Controller
General Description
The DP8390DNS32490D Network Interface Controller
(NIC) is a microCMOS VLSI device designed to ease inter-
facing with CSMACD type local area networks including
Ethernet Thin Ethernet (Cheapernet) and StarLAN The
NIC implements all Media Access Control (MAC) layer func-
tions for transmission and reception of packets in accord-
ance with the IEEE 8023 Standard Unique dual DMA chan-
nels and an internal FIFO provide a simple yet efficient
packet management design To minimize system parts
count and cost all bus arbitration and memory support logic
are integrated into the NIC
The NIC is the heart of a three chip set that implements the
complete IEEE 8023 protocol and node electronics as
shown below The others include the DP8391 Serial Net-
work Interface (SNI) and the DP8392 Coaxial Transceiver
Interface (CTI)
Features
Y
Compatible with IEEE 8023Ethernet IIThin Ethernet
StarLAN
Y
Interfaces with 8- 16- and 32-bit microprocessor
systems
Y
Implements simple versatile buffer management
Y
Requires single 5V supply
Y
Utilizes low power microCMOS process
Y
Includes
Two 16-bit DMA channels
16-byte internal FIFO with programmable threshold
Network statistics storage
Y
Supports physical multicast and broadcast address
filtering
Y
Provides 3 levels of loopback
Y
Utilizes independent system and network clocks
Table of Contents
10 SYSTEM DIAGRAM
20 BLOCK DIAGRAM
30 FUNCTIONAL DESCRIPTION
40 TRANSMITRECEIVE PACKET ENCAPSULATION
DECAPSULATION
50 PIN DESCRIPTIONS
60 DIRECT MEMORY ACCESS CONTROL (DMA)
70 PACKET RECEPTION
80 PACKET TRANSMISSION
90 REMOTE DMA
100 INTERNAL REGISTERS
110 INITIALIZATION PROCEDURES
120 LOOPBACK DIAGNOSTICS
130 BUS ARBITRATION AND TIMING
140 PRELIMINARY ELECTRICAL CHARACTERISTICS
150 SWITCHING CHARACTERISTICS
160 PHYSICAL DIMENSIONS
10 System Diagram
IEEE 8023 Compatible EthernetThin Ethernet Local Area Network Chip Set
TLF8582 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com