Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390D Datasheet(PDF) 39 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 39 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 35Page - Texas Instruments DP8390D Datasheet HTML 36Page - Texas Instruments DP8390D Datasheet HTML 37Page - Texas Instruments DP8390D Datasheet HTML 38Page - Texas Instruments DP8390D Datasheet HTML 39Page - Texas Instruments DP8390D Datasheet HTML 40Page - Texas Instruments DP8390D Datasheet HTML 41Page - Texas Instruments DP8390D Datasheet HTML 42Page - Texas Instruments DP8390D Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
140 Preliminary Electrical Characteristics
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Voltage (VIN)
b
05V to VCC a 05V
DC Output Voltage (VOUT)
b
05V to VCC a 05V
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)
500 mW
Lead Temp (TL) (Soldering 10 sec)
260 C
ESD rating (RZAP e 15k CZAP e 120 pF)
1600V
Preliminary DC Specifications TA e 0 Cto70 C VCC e 5V g5% unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
VOH
Minimum High Level Output Voltage
IOH eb20 mAVCC b 01
V
(Notes 1 4)
IOH eb20 mA
35
V
VOL
Minimum Low Level Output Voltage
IOL e 20 mA
01
V
(Notes 1 4)
IOL e 20 mA
04
V
VIH
Minimum High Level Input Voltage
20
V
(Note 2)
VIH2
Minimum High Level Input Voltage
27
V
for RACK WACK (Note 2)
VIL
Minimum Low Level Input Voltage
08
V
(Note 2)
VIL2
Minimum Low Level Input Voltage
06
V
For RACK WACK (Note 2)
IIN
Input Current
VI e VCC or GND
b
10
a
10
m
A
IOZ
Maximum TRI-STATE
VOUT e VCC or GND
b
10
a
10
m
A
Output Leakage Current
ICC
Average Supply Current
TXCK e 10 MHz
(Note 3)
RXCK e 10 MHz
BSCK e 20 MHz
40
mA
IOUT e 0 mA
VIN e VCC or GND
Note 1
These levels are tested dynamically using a limited amount of functional test patterns please refer to AC Test Load
Note 2
Limited functional test patterns are performed at these input levels The majority of functional tests are performed at levels of 0V and 3V
Note 3
This is measured with a 01 mF bypass capacitor between VCC and GND
Note 4
The low drive CMOS compatible VOH and VOL limits are not tested directly Detailed device characterization validates that this specification can be
guaranteed by testing the high drive TTL compatible VOL and VOH specification
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com