Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390D Datasheet(PDF) 13 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 13 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 9Page - Texas Instruments DP8390D Datasheet HTML 10Page - Texas Instruments DP8390D Datasheet HTML 11Page - Texas Instruments DP8390D Datasheet HTML 12Page - Texas Instruments DP8390D Datasheet HTML 13Page - Texas Instruments DP8390D Datasheet HTML 14Page - Texas Instruments DP8390D Datasheet HTML 15Page - Texas Instruments DP8390D Datasheet HTML 16Page - Texas Instruments DP8390D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
80 Packet Transmission (Continued)
TRANSMISSION
Prior to transmission the TPSR (Transmit Page Start Regis-
ter) and TBCR0 TBCR1 (Transmit Byte Count Registers)
must be initialized To initiate transmission of the packet the
TXP bit in the Command Register is set The Transmit
Status Register (TSR) is cleared and the NIC begins to pre-
fetch transmit data from memory (unless the NIC is currently
receiving) If the interframe gap has timed out the NIC will
begin transmission
CONDITIONS REQUIRED TO BEGIN TRANSMISSION
In order to transmit a packet the following three conditions
must be met
1 The Interframe Gap Timer has timed out the first 64 ms
of the Interframe Gap (See appendix for Interframe Gap
Flowchart)
2 At least one byte has entered the FIFO (This indicates
that the burst transfer has been started)
3 If the NIC had collided the backoff timer has expired
In typical systems the NIC has already prefetched the first
burst of bytes before the 64 ms timer expires The time
during which NIC transmits preamble can also be used to
load the FIFO
Note
If carrier sense is asserted before a byte has been loaded into the
FIFO the NIC will become a receiver
COLLISION RECOVERY
During transmission the Buffer Management logic monitors
the transmit circuitry to determine if a collision has occurred
If a collision is detected the Buffer Management logic will
reset the FIFO and restore the Transmit DMA pointers for
retransmission of the packet The COL bit will be set in the
TSR and the NCR (Number of Collisions Register) will be
incremented If 15 retransmissions each result in a collision
the transmission will be aborted and the ABT bit in the TSR
will be set
Note
NCR reads as zeroes if excessive collisions are encountered
TRANSMIT PACKET ASSEMBLY FORMAT
The following diagrams describe the format for how packets
must be assembled prior to transmission for different byte
ordering schemes The various formats are selected in the
Data Configuration Register
D15
D8 D7
D0
DA1
DA0
DA3
DA2
DA5
DA4
SA1
DA0
SA3
DA2
SA5
DA4
TL1
TL0
DATA 1
DATA 0
BOS e 0 WTS e 1 in Data Configuration Register
This format is used with Series 32000 808X type proces-
sors
D15
D8 D7
D0
DA0
DA1
DA2
DA3
DA4
DA5
SA0
SA1
SA2
SA3
SA4
SA5
TL0
TL1
DATA 0
DATA 1
BOS e 1 WTS e 1 in Data Configuration Register
This format is used with 68000 type processors
D7
D0
DA0
DA1
DA2
DA3
DA4
DA5
SA0
SA1
SA2
SA3
BOS e 0 WTS e 0 in Data Configuration Register
This format is used with general 8-bit CPUs
Note
All examples above will result in a transmission of a packet in order of
DA0 DA1 DA2 DA3
bits within each byte will be transmitted least
significant bit first
DA e Destination Address
SA e Source Address
TL e TypeLength Field
90 Remote DMA
The Remote DMA channel is used to both assemble pack-
ets for transmission and to remove received packets from
the Receive Buffer Ring It may also be used as a general
purpose slave DMA channel for moving blocks of data or
commands between host memory and local buffer memory
There are three modes of operation Remote Write Remote
Read or Send Packet
Two register pairs are used to control the Remote DMA a
Remote Start Address (RSAR0 RSAR1) and a Remote
Byte Count (RBCR0 RBCR1) register pair The Start Ad-
dress Register pair points to the beginning of the block to be
moved while the Byte Count Register pair is used to indicate
the number of bytes to be transferred Full handshake logic
is provided to move data between local buffer memory and
a bidirectional IO port
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com