Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8390D Datasheet(PDF) 49 Page - Texas Instruments

Part # DP8390D
Description  NIC Network Interface Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8390D Datasheet(HTML) 49 Page - Texas Instruments

Back Button DP8390D Datasheet HTML 45Page - Texas Instruments DP8390D Datasheet HTML 46Page - Texas Instruments DP8390D Datasheet HTML 47Page - Texas Instruments DP8390D Datasheet HTML 48Page - Texas Instruments DP8390D Datasheet HTML 49Page - Texas Instruments DP8390D Datasheet HTML 50Page - Texas Instruments DP8390D Datasheet HTML 51Page - Texas Instruments DP8390D Datasheet HTML 52Page - Texas Instruments DP8390D Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
150 Switching Characteristics (Continued)
Remote DMA (Read Send Command)
TLF8582 – 84
Symbol
Parameter
Min
Max
Units
bpwrl
Bus Clock to Port Write Low
43
ns
bpwrh
Bus Clock to Port Write High
40
ns
prqh
Port Write High to Port
30
ns
Request High (Note 1)
prql
Port Request Low from
45
ns
Read Acknowledge High
rakw
Remote Acknowledge
20
ns
Read Strobe Pulse Width
Note 1
Start of next transfer is dependent on where RACK is generated relative to BSCK and whether a local DMA is pending
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com