Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T06 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # T06
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T06 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  T06 Datasheet HTML 1Page - Inchange Semiconductor Company Limited T06 Datasheet HTML 2Page - Inchange Semiconductor Company Limited T06 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistor
T06
DESCRIPTION
·
High Voltage: VCBO= 400V(Min.)
·
Fast Switching Speed-
: tf= 750ns(Max)
·
Low Collector Saturation Voltage-
: VCE(sat)= 1.0V(Max)@ IC= 5A
APPLICATIONS
·
Switching for dynamotor excitation
·
For use in horizontal deflection output stage of TV’s and CTV’s
circuits.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
400
V
VCEO
Collector-Emitter Voltage
200
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
7
A
ICM
Collector Current-Peak
10
A
IB
Base Current
4
A
PC
Collector Power Dissipation
@ TC=25℃
60
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.08
℃
/W


Similar Part No. - T06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
T06 PHILIPS-T06 Datasheet
88Kb / 14P
Inverter with open-drain outputs
2003 Dec 02
logo
HOPE Microelectronics C...
T06 HOPE-T06 Datasheet
233Kb / 11P
High Conversion Speed Temperature Sensor
logo
FCI connector
T06-0070 FCI-CONNECTOR-T06-0070 Datasheet
453Kb / 5P
PLCC SMT Socket
logo
HOPE Microelectronics C...
T06-B-00 HOPE-T06-B-00 Datasheet
233Kb / 11P
High Conversion Speed Temperature Sensor
T06-B-01 HOPE-T06-B-01 Datasheet
233Kb / 11P
High Conversion Speed Temperature Sensor
More results

Similar Description - T06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com