Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM30003PJM Datasheet(PDF) 2 Page - Texas Instruments

Part # CSM30003PJM
Description  MIXED-SIGNAL PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSM30003PJM Datasheet(HTML) 2 Page - Texas Instruments

  CSM30003PJM Datasheet HTML 1Page - Texas Instruments CSM30003PJM Datasheet HTML 2Page - Texas Instruments CSM30003PJM Datasheet HTML 3Page - Texas Instruments CSM30003PJM Datasheet HTML 4Page - Texas Instruments CSM30003PJM Datasheet HTML 5Page - Texas Instruments CSM30003PJM Datasheet HTML 6Page - Texas Instruments CSM30003PJM Datasheet HTML 7Page - Texas Instruments CSM30003PJM Datasheet HTML 8Page - Texas Instruments CSM30003PJM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MSP50C30
MIXED-SIGNAL PROCESSOR
SPSS021 NOVEMBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range†
Supply voltage range, VDD (see Note 1)
–0.3 V to 8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply current, IDD or ISS (see Note 2)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
– 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 30
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to ground.
2. The total supply current includes the current out of all the I/O terminals and DAC terminals as well as the operating current of the
device.
recommended operating conditions (MSP50C30)
MIN
MAX
UNIT
VDD
Supply voltage†
3.3
6.5
V
VDD = 3.3 V
2.5
3.3
VIH
High-level input voltage
VDD = 5 V
3.8
5
V
VDD = 6 V
4.5
6
VDD = 3.3 V
0
0.65
VIL
Low-level input voltage
VDD = 5 V
0
1
V
VDD = 6 V
0
1.3
TA
Operating free-air temperature
Device functionality
0
70
°C
Rspeaker
Minimum speaker impedance
Direct speaker drive using 2 pin push-pull DAC option
32
Ω
† Unless otherwise noted, all voltages are with respect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com