Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM30003PJM Datasheet(PDF) 4 Page - Texas Instruments

Part # CSM30003PJM
Description  MIXED-SIGNAL PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSM30003PJM Datasheet(HTML) 4 Page - Texas Instruments

  CSM30003PJM Datasheet HTML 1Page - Texas Instruments CSM30003PJM Datasheet HTML 2Page - Texas Instruments CSM30003PJM Datasheet HTML 3Page - Texas Instruments CSM30003PJM Datasheet HTML 4Page - Texas Instruments CSM30003PJM Datasheet HTML 5Page - Texas Instruments CSM30003PJM Datasheet HTML 6Page - Texas Instruments CSM30003PJM Datasheet HTML 7Page - Texas Instruments CSM30003PJM Datasheet HTML 8Page - Texas Instruments CSM30003PJM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MSP50C30
MIXED-SIGNAL PROCESSOR
SPSS021 NOVEMBER 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tr
Rise time
PA, PB, PC,
PD, D/A
VDD = 3.3 V,
CL = 100 pF,
10% to 90%
50
ns
tr
Rise time
OA
VDD = 3.3 V,
CL = 50 pF,
10% to 90%
50
ns
tf
Fall time
PA, PB, PC,
PD, D/A
VDD = 3.3 V,
CL = 100 pF,
10% to 90%
50
ns
tf
Fall time
OA
VDD = 3.3 V,
CL = 50 pF,
10% to 90%
50
ns
timing requirements
MIN
MAX
UNIT
Initialization
tINIT
INIT pulsed low while the MSP50x3x has power applied (see Figure 1)
1
µs
Wakeup
tsu(wakeup)
Setup time prior to wakeup terminal negative transition (see Figure 2)
1
µs
External Interrupt
t
(i t
t)
Setup time prior to B1 terminal negative transition (see Figure 3)
fclock = 15.36 MHz
1
µs
tsu(interrupt) Setup time prior to B1 terminal negative transition (see Figure 3)
fclock = 19.2 MHz
1.5
µs
Writing (Slave Mode)
tsu1(B1)
Setup time, B1 low before B0 goes low (see Figure 4)
20
ns
tsu(d)
Setup time, data valid before B0 goes high (see Figure 4)
100
ns
th1(B1)
Hold time, B1 low after B0 goes high (see Figure 4)
20
ns
th(d)
Hold time, data valid after B0 goes high (see Figure 4)
30
ns
tw
Pulse duration, B0 low (see Figure 4)
100
ns
tr
Rise time, B0 (see Figure 4)
50
ns
tf
Fall time, B0 (see Figure 4)
50
ns
Reading (Slave Mode)
tsu2(B1)
Setup time, B1 before B0 goes low (see Figure 5)
20
ns
th2(B1)
Hold time, B1 after B0 goes high (see Figure 5)
20
ns
tdis
Output disable time, data valid after B0 goes high (see Figure 5)
0
30
ns
tw
Pulse duration, B0 low (see Figure 5)
100
ns
tr
Rise time, B0 (see Figure 5)
50
ns
tf
Fall time, B0 (see Figure 5)
50
ns
td
Delay time for B0 low to data valid (see Figure 5)
50
ns
External ROM
ta(ROM)
ROM access time
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com