Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM30003PJM Datasheet(PDF) 1 Page - Texas Instruments

Part # CSM30003PJM
Description  MIXED-SIGNAL PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSM30003PJM Datasheet(HTML) 1 Page - Texas Instruments

  CSM30003PJM Datasheet HTML 1Page - Texas Instruments CSM30003PJM Datasheet HTML 2Page - Texas Instruments CSM30003PJM Datasheet HTML 3Page - Texas Instruments CSM30003PJM Datasheet HTML 4Page - Texas Instruments CSM30003PJM Datasheet HTML 5Page - Texas Instruments CSM30003PJM Datasheet HTML 6Page - Texas Instruments CSM30003PJM Datasheet HTML 7Page - Texas Instruments CSM30003PJM Datasheet HTML 8Page - Texas Instruments CSM30003PJM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MSP50C30
MIXED-SIGNAL PROCESSOR
SPSS021 NOVEMBER 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Interface to External ROM/EPROM
(Up to 8 MBytes)
D 8-Bit Microprocessor with 61 instructions
D 32 Twelve-Bit Words and 992 Bytes of RAM
D 4K Internal ROM
D 3.3V to 6.5V CMOS Technology for Low
Power Dissipation
D 28 Software-Configurable I/O Lines
D 10-kHz or 8-kHz Speech Sample Rate
description
The MSP50C30 combines an 8-bit microprocessor, two speech synthesizers, ROM, RAM, and I/O in a low-cost
single-chip system. The architecture uses the same arithmetic logic unit (ALU) for the two synthesizers and the
microprocessor, thus reducing chip area and cost and enabling the microprocessor to do a multiply operation
in 0.8
µs. The MSP50C30 features two independent channels of linear predictive coding (LPC), which
synthesize high-quality speech at a low data rate. Pulse-code modulation (PCM) can produce music or sound
effects. For more information, see the MSP50C30 User’s Guide (TI literature number SPSU012).
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
NC
NC
NC
NC
OA0
PD3
PD2
PD1
PD0
DAC–
DAC+
PC6
PC7
PC3
PC2
PC1
PC0
OSC OUT
NC
NC
NC
NC
NC
NC
OA17
OA18
OA19
OA21
OA22
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
PA0
PJM PACKAGE
(TOP VIEW)
NC
NC
PC4
OA20
VSS
INIT
26
27
28
29
30
55
54
53
52
51
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
VDD
NC
PC5
VSS
VDD
NC
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - CSM30003PJM

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSM30500 CAMDENBOSS-CSM30500 Datasheet
507Kb / 1P
V3 type microswitches 5A, 10A and 15A
CSM30510 CAMDENBOSS-CSM30510 Datasheet
507Kb / 1P
V3 type microswitches 5A, 10A and 15A
CSM30520 CAMDENBOSS-CSM30520 Datasheet
507Kb / 1P
V3 type microswitches 5A, 10A and 15A
CSM30530 CAMDENBOSS-CSM30530 Datasheet
507Kb / 1P
V3 type microswitches 5A, 10A and 15A
CSM30531 CAMDENBOSS-CSM30531 Datasheet
507Kb / 1P
V3 type microswitches 5A, 10A and 15A
More results

Similar Description - CSM30003PJM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP50C30 TI-MSP50C30 Datasheet
121Kb / 8P
MIXED-SIGNAL PROCESSOR
MSP50C601 TI-MSP50C601 Datasheet
121Kb / 9P
MIXED-SIGNAL PROCESSOR
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
MIXED-SIGNAL PROCESSOR
MSP50C604 TI-MSP50C604 Datasheet
160Kb / 12P
MIXED-SIGNAL PROCESSOR
MSP53C691 TI-MSP53C691 Datasheet
201Kb / 14P
MIXED-SIGNAL PROCESSOR
MSP50C605 TI1-MSP50C605 Datasheet
124Kb / 9P
MIXED-SIGNAL PROCESSOR
logo
Analog Devices
ADSP-CM402F AD-ADSP-CM402F Datasheet
2Mb / 84P
Mixed-Signal Control Processor with ARM Cortex-M4
Rev. PrE
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9860 AD-AD9860_15 Datasheet
386Kb / 32P
Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9862 AD-AD9862_15 Datasheet
386Kb / 32P
Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com