Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM30003PJM Datasheet(PDF) 10 Page - Texas Instruments

Part # CSM30003PJM
Description  MIXED-SIGNAL PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSM30003PJM Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSM30003PJM Datasheet HTML 3Page - Texas Instruments CSM30003PJM Datasheet HTML 4Page - Texas Instruments CSM30003PJM Datasheet HTML 5Page - Texas Instruments CSM30003PJM Datasheet HTML 6Page - Texas Instruments CSM30003PJM Datasheet HTML 7Page - Texas Instruments CSM30003PJM Datasheet HTML 8Page - Texas Instruments CSM30003PJM Datasheet HTML 9Page - Texas Instruments CSM30003PJM Datasheet HTML 10Page - Texas Instruments CSM30003PJM Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MQFP013 – OCTOBER 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PJM (R-PQFP-G100)
PLASTIC QUAD FLATPACK
4040022 / B 03/95
0,16 NOM
14,20
17,45
13,80
16,95
50
51
31
30
12,35 TYP
1,03
0,73
0,25
Seating Plane
0,25 MIN
Gage Plane
0,38
0,22
80
1
81
100
22,95
23,45
20,20
19,80
2,50
2,90
3,40 MAX
18,85 TYP
0
°–7°
M
0,13
0,65
0,10
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-022



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com