Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500IPAPR Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS5500IPAPR
Description  14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5500IPAPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5500IPAPR Datasheet HTML 15Page - Texas Instruments ADS5500IPAPR Datasheet HTML 16Page - Texas Instruments ADS5500IPAPR Datasheet HTML 17Page - Texas Instruments ADS5500IPAPR Datasheet HTML 18Page - Texas Instruments ADS5500IPAPR Datasheet HTML 19Page - Texas Instruments ADS5500IPAPR Datasheet HTML 20Page - Texas Instruments ADS5500IPAPR Datasheet HTML 21Page - Texas Instruments ADS5500IPAPR Datasheet HTML 22Page - Texas Instruments ADS5500IPAPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
ADS5500
SBAS303C − DECEMBER 2003 − REVISED MARCH 2004
www.ti.com
19
TYPICAL CHARACTERISTICS (continued)
Typical values are at TA = 25°C, AVDD = DRVDD = 3.3V, differential input amplitude = −1dBFS, sampling rate = 125MSPS, and DLL On, unless
otherwise noted.
65
70
75
80
85
90
95
50
0
100
150
200
250
300
Input Frequency (MHz)
40
50
60
70
80
90
100
110
120
130
140
150
SECOND HARMONIC (HD2) WITH DLL ON
80
80
80
80
83
83
83
83
83
83
86
86
86
86
86
86
86
86
86
86
86
89
89
89
89
89
89
89
89
89
89
71
71
71
71
68
68
68
74
74
74
74
77
77
77
77
77
92
92
92
92
92
92
92
92
92
95
95
95
95
95
95
98
98
98
98
98
SECOND HARMONIC (HD2) WITH DLL OFF
70
75
80
85
90
95
50
0
100
150
200
250
300
Input Frequency (MHz)
10
20
30
40
50
60
70
80
81
81
81
84
84
84
84
87
90
90
87
87
87
75
78
93
93
93
96
99
99
99
99
99
99
96
96
93
78
78
75
75
72
72
72
68
68
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com