Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500IPAPR Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS5500IPAPR
Description  14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5500IPAPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS5500IPAPR Datasheet HTML 21Page - Texas Instruments ADS5500IPAPR Datasheet HTML 22Page - Texas Instruments ADS5500IPAPR Datasheet HTML 23Page - Texas Instruments ADS5500IPAPR Datasheet HTML 24Page - Texas Instruments ADS5500IPAPR Datasheet HTML 25Page - Texas Instruments ADS5500IPAPR Datasheet HTML 26Page - Texas Instruments ADS5500IPAPR Datasheet HTML 27Page - Texas Instruments ADS5500IPAPR Datasheet HTML 28Page - Texas Instruments ADS5500IPAPR Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
ADS5500
SBAS303C − DECEMBER 2003 − REVISED MARCH 2004
www.ti.com
25
0.01
µF
CLKP
ADS5500
CLKM
0.01
µF
Differential Square Wave
or Sine Wave
(3V
PP)
Figure 11. AC-Coupled, Differential Clock Input
For high input frequency sampling, it is recommended
to use a clock source with very low jitter. Additionally,
the internal ADC core uses both edges of the clock for
the conversion process. This means that, ideally, a 50%
duty cycle should be provided. Figure 12 shows the
performance variation of the ADC versus clock duty
cycle.
90
85
80
75
70
65
60
SFDR
SNR
Clock Duty Cycle (%)
30
35
40
45
50
55
60
65
70
f
S =125MSPS
f
IN =20MHz
Figure 12. AC Performance vs Clock Duty Cycle
Bandpass filtering of the source can help produce a
50% duty cycle clock and reduce the effect of jitter.
When using a sinusoidal clock, the clock jitter will further
improve as the amplitude is increased. In that sense,
using a differential clock allows for the use of larger
amplitudes without exceeding the supply rails and
absolute maximum ratings of the ADC clock input.
Figure 13 shows the performance variation of the
device versus input clock amplitude. For detailed
clocking schemes based on transformer or PECL-level
clocks, refer to the ADS5500EVM User’s Guide
(SLWU010), available for download from www.ti.com.
AC PERFORMANCE vs CLOCK AMPLITUDE
90
85
80
75
70
65
60
55
50
Differential Clock Amplitude (V)
f
S =125MSPS
f
IN =70MHz
0
0.5
1.0
1.5
2.0
2.5
3.0
SFDR
SNR
Figure 13. AC Performance vs Clock Amplitude
INTERNAL DLL
In order to obtain the fastest sampling rates achievable
with the ADS5500, the device uses an internal digital
phase lock loop (DLL). Nevertheless, the limited
frequency range of operation of DLL degrades the
performance at clock frequencies below 60MSPS. In
order to operate the device below 60MSPS, the internal
DLL must be shut off using the DLL OFF mode
described in the Serial Interface Programming section.
The
Typical
Performance
Curves
show
the
performance obtained in both modes of operation: DLL
ON (default), and DLL OFF. In either of the two modes,
the device will enter power down mode if no clock or
slow clock is provided. The limit of the clock frequency
where the device will function properly is ensured to be
over 10MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com