Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500IPAPR Datasheet(PDF) 23 Page - Texas Instruments

Part # ADS5500IPAPR
Description  14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5500IPAPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS5500IPAPR Datasheet HTML 19Page - Texas Instruments ADS5500IPAPR Datasheet HTML 20Page - Texas Instruments ADS5500IPAPR Datasheet HTML 21Page - Texas Instruments ADS5500IPAPR Datasheet HTML 22Page - Texas Instruments ADS5500IPAPR Datasheet HTML 23Page - Texas Instruments ADS5500IPAPR Datasheet HTML 24Page - Texas Instruments ADS5500IPAPR Datasheet HTML 25Page - Texas Instruments ADS5500IPAPR Datasheet HTML 26Page - Texas Instruments ADS5500IPAPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
ADS5500
SBAS303C − DECEMBER 2003 − REVISED MARCH 2004
www.ti.com
23
Table 4. Recommended Amplifiers to Drive the Input of the ADS5500
INPUT SIGNAL FREQUENCY
RECOMMENDED AMPLIFIER
TYPE OF AMPLIFIER
USE WITH TRANSFORMER?
DC to 20MHz
THS4503
Differential In/Out Amp
No
DC to 50MHz
OPA847
Operational Amp
Yes
OPA695
Operational Amp
Yes
10MHz to 120MHz
THS3201
Operational Amp
Yes
10MHz to 120MHz
THS3202
Operational Amp
Yes
Over 100MHz
THS9001
RF Gain Block
Yes
R
IN
R
IN
C
IN
0.1
µF
R
T
100
Ω
0.1
µF
1000pF
1:1
R
S
100
Ω
OPA695
R
1
400
Ω
A
V =8V/V
(18dB)
R
2
57.5
Ω
V
IN
ADS5500
INP
INM
CM
−5V
+5V
10
Ω
Figure 6. Converting a Single-Ended Input Signal to a Differential Signal Using an RF Transformer
R
F
R
G
V
OCM
INP
INM
CM
R
F
R
G
R
S
ADS5500
14−Bit/125MSPS
0.1
µF
0.1
µF
10
µF
1
µF
R
T
+3.3V
+5V
0.1
µF
10
µF
−5V
THS4503
R
IN
R
IN
10
Ω
Figure 7. Using the THS4503 with the ADS5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com