Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500IPAPR Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS5500IPAPR
Description  14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5500IPAPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5500IPAPR Datasheet HTML 20Page - Texas Instruments ADS5500IPAPR Datasheet HTML 21Page - Texas Instruments ADS5500IPAPR Datasheet HTML 22Page - Texas Instruments ADS5500IPAPR Datasheet HTML 23Page - Texas Instruments ADS5500IPAPR Datasheet HTML 24Page - Texas Instruments ADS5500IPAPR Datasheet HTML 25Page - Texas Instruments ADS5500IPAPR Datasheet HTML 26Page - Texas Instruments ADS5500IPAPR Datasheet HTML 27Page - Texas Instruments ADS5500IPAPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
ADS5500
SBAS303C − DECEMBER 2003 − REVISED MARCH 2004
www.ti.com
24
POWER SUPPLY SEQUENCE
The ADS5500 requires a power-up sequence where the
DRVDD supply must be at least 0.4V by the time the
AVDD supply reaches 3.0V. Powering up both supplies
at the same time will work without any problem. If this
sequence is not followed, the device may stay in
power-down mode.
POWER DOWN
The device will enter power-down in one of two ways:
either by reducing the clock speed to between DC and
1MHz, or by setting a bit through the serial
programming interface. Using the reduced clock speed,
the power-down may be initiated for clock frequencies
below 10MHz. For clock frequencies between 1MHz
and 10Mhz, this can vary from device to device, but will
power-down for clock speeds below 1MHz.
The device can be powered down by programming the
internal register (see Serial Programming Interface
section). The outputs become tri-stated and only the
internal reference is powered up to shorten the
power-up time. The Power-Down mode reduces power
dissipation to a minimum of 180mW.
REFERENCE CIRCUIT
The
ADS5500
has
built-in
internal
reference
generation, requiring no external circuitry on the printed
circuit board (PCB). For optimum performance, it is best
to connect both REFP and REFM to ground with a 1
µF
decoupling capacitor in series with a 1
Ω resistor, as
shown in Figure 8. In addition, an external 56.2k
Ω
resistor should be connected from IREF (pin 31) to
AGND to set the proper current for the operation of the
ADC, as shown in Figure 8. No capacitor should be
connected between pin 31 and ground; only the 56.2k
Ω
resistor should be used.
29
30
31
REFP
REFM
IREF
56k
Ω
1
µF
1
µF
1
Ω
1
Ω
Figure 8. REFP, REFM, and IREF Connections for
Optimum Performance
CLOCK INPUT
The ADS5500 clock input can be driven with either a
differential clock signal or a single-ended clock input,
with little or no difference in performance between both
configurations. The common-mode voltage of the clock
inputs is set internally to CM (pin 17) using internal 5k
Ω
resistors that connect CLKP (pin 10) and CLKM (pin 11)
to CM (pin 17), as shown in Figure 9.
5k
Ω
5k
Ω
CLKM
CLKP
CM
CM
6pF
3pF
3pF
Figure 9. Clock Inputs
When driven with a single-ended CMOS clock input, it
is best to connect CLKM (pin 11) to ground with a
0.01
µF capacitor, while CLKP is AC-coupled with a
0.01
µF capacitor to the clock source, as shown in
Figure 10.
0.01
µF
0.01
µF
CLKP
ADS5500
CLKM
Square Wave
or Sine Wave
(3V
PP)
Figure 10. AC-Coupled, Single-Ended Clock Input
The ADS5500 clock input can also be driven
differentially, reducing susceptibility to common-mode
noise. In this case, it is best to connect both clock inputs
to the differential input clock signal with 0.01
µF
capacitors, as shown in Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com