Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96172 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS96172
Description  RS-485/RS-422 Quad Differential Line Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96172 Datasheet(HTML) 2 Page - Texas Instruments

  DS96172 Datasheet HTML 1Page - Texas Instruments DS96172 Datasheet HTML 2Page - Texas Instruments DS96172 Datasheet HTML 3Page - Texas Instruments DS96172 Datasheet HTML 4Page - Texas Instruments DS96172 Datasheet HTML 5Page - Texas Instruments DS96172 Datasheet HTML 6Page - Texas Instruments DS96172 Datasheet HTML 7Page - Texas Instruments DS96172 Datasheet HTML 8Page - Texas Instruments DS96172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS96172, DS96174
SNLS390D – JUNE 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range Molded PDIP
−65°C to +150°C
Operating Temperature Range
0°C to +70°C
Lead Temperature Molded PDIP (soldering, 10 sec.)
265°C
Supply Voltage
7V
Enable Input Voltage
5.5V
Maximum Power Dissipation(3)
25°C
PDIP Package
1.98W
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The tables of Electrical Characteristics provide conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Derate molded PDIP package 16mW/°C above 25°C.
Recommended OperatingConditions
Min
Typ
Max
Units
Supply Voltage (VCC)
4.75
5
5.25
V
Common Mode
Output Voltage (VOC)
−7
+12
V
Output Current HIGH (IOH)
−60
mA
Output Current LOW (IOL)
60
mA
Operating Temperature (TA)
0
25
70
°C
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS96172 DS96174
DS96172 - Obsolete
DS96174 - Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com