Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96172 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS96172
Description  RS-485/RS-422 Quad Differential Line Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96172 Datasheet(HTML) 4 Page - Texas Instruments

  DS96172 Datasheet HTML 1Page - Texas Instruments DS96172 Datasheet HTML 2Page - Texas Instruments DS96172 Datasheet HTML 3Page - Texas Instruments DS96172 Datasheet HTML 4Page - Texas Instruments DS96172 Datasheet HTML 5Page - Texas Instruments DS96172 Datasheet HTML 6Page - Texas Instruments DS96172 Datasheet HTML 7Page - Texas Instruments DS96172 Datasheet HTML 8Page - Texas Instruments DS96172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS96172, DS96174
SNLS390D – JUNE 1998 – REVISED APRIL 2013
www.ti.com
Switching Characteristics
VCC = 5V, TA = 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tDD
Differential Output Delay Time
RL = 60Ω,See Figure 4
15
25
ns
tTD
Differential Output Transition Time
15
25
ns
tPLH
Propagation Delay Time, Low-to-High Level
RL = 27Ω,See Figure 5
12
20
ns
Output
tPHL
Propagation Delay Time, High-to-Low Level
12
20
ns
Output
tPZH
Output Enable Time to High Level
RL = 110Ω,See Figure 6
30
45
ns
tPZL
Output Enable Time to Low Level
RL = 110Ω, See Figure 7
30
45
ns
tPHZ
Output Disable Time from High Level
RL = 110Ω, See Figure 6
25
35
ns
tPLZ
Output Disable Time from Low Level
RL = 110Ω, See Figure 7
30
45
ns
Parameter Measurement Information
(1) (2) (3) (4)
Figure 3. Differential and Common Mode Output Voltage
(1)
The input pulse is supplied by a generator having the following characteristics: PRR = 1.0 MHz, duty cycle = 50%, tr ≤ 5.0 ns, tf ≤ 5.0 ns,
ZO = 50Ω.
(2)
CL includes probe and jig capacitance.
(3)
DS96172 with active high and active low Enables is shown here. DS96174 has active high Enable only.
(4)
To test the active low Enable E of DS96172, ground E and apply an inverted waveform to E. DS96174 has active high Enable only.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS96172 DS96174
DS96172 - Obsolete
DS96174 - Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com