Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96172 Datasheet(PDF) 3 Page - Texas Instruments

Part # DS96172
Description  RS-485/RS-422 Quad Differential Line Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96172 Datasheet(HTML) 3 Page - Texas Instruments

  DS96172 Datasheet HTML 1Page - Texas Instruments DS96172 Datasheet HTML 2Page - Texas Instruments DS96172 Datasheet HTML 3Page - Texas Instruments DS96172 Datasheet HTML 4Page - Texas Instruments DS96172 Datasheet HTML 5Page - Texas Instruments DS96172 Datasheet HTML 6Page - Texas Instruments DS96172 Datasheet HTML 7Page - Texas Instruments DS96172 Datasheet HTML 8Page - Texas Instruments DS96172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS96172, DS96174
www.ti.com
SNLS390D – JUNE 1998 – REVISED APRIL 2013
Electrical Characteristics
(1) (2)
over recommended temperature and supply voltage ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Input Voltage HIGH
2
V
VIL
Input Voltage LOW
0.8
V
VOH
Output Voltage HIGH
IOH = −20 mA
3.1
V
VOL
Output Voltage LOW
IOL = 20 mA
0.8
V
VIC
Input Clamp Voltage
II = −18 mA
−1.5
V
|VOD1|
Differential Output Voltage
IO = 0 mA
6
V
|VOD2|
Differential Output Voltage
RL = 54Ω,See Figure 3
1.5
2
V
RL = 100Ω,See Figure 3
2
2.3
V
Δ|VOD|
Change in Magnitude of Differential Output
RL = 54Ω or 100Ω,See Figure 3
±0.2
V
Voltage(3)
VOC
Common Mode Output Voltage (4)
RL = 54Ω,See Figure 3
3
V
Δ|VOC|
Change in Magnitude of Common Mode Output
±0.2
V
Voltage (3)
IO
Output Current with Power Off
VCC = 0V, VO = −7.0V to 12V
±100
μA
IOZ
High Impedance State Output Current
VO = −7.0V to 12V
±50
±200
μA
IIH
Input Current HIGH
VI = 2.7V
20
μA
IIL
Input Current LOW
VI = 0.5V
−100
μA
IOS
Short Circuit Output Current (5)
VO = −7.0V
−250
VO = 0V
−150
mA
VO = VCC
150
VO = 12V
250
ICC
Supply Current (All Drivers)
No Load
Outputs Enabled
50
70
mA
Output Disabled
50
60
(1)
Unless otherwise specified min/max limits apply across the 0°C to +70°C range for the DS96172/DS96174. All typicals are given for VCC
= 5V and TA = 25°C.
(2)
All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are referenced to ground
unless otherwise specified.
(3)
Δ |VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC respectively, that occur when the input is changed from a high level
to a low level.
(4)
In EIA Standards RS-422A and RS-485, VOC, which is the average of the two output voltages with respect to ground, is called output
offset voltage, VOS.
(5)
Only one output at a time should be shorted.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS96172 DS96174
DS96172 - Obsolete
DS96174 - Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com