Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96172 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS96172
Description  RS-485/RS-422 Quad Differential Line Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS96172 Datasheet(HTML) 1 Page - Texas Instruments

  DS96172 Datasheet HTML 1Page - Texas Instruments DS96172 Datasheet HTML 2Page - Texas Instruments DS96172 Datasheet HTML 3Page - Texas Instruments DS96172 Datasheet HTML 4Page - Texas Instruments DS96172 Datasheet HTML 5Page - Texas Instruments DS96172 Datasheet HTML 6Page - Texas Instruments DS96172 Datasheet HTML 7Page - Texas Instruments DS96172 Datasheet HTML 8Page - Texas Instruments DS96172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS96172, DS96174
www.ti.com
SNLS390D – JUNE 1998 – REVISED APRIL 2013
DS96172/DS96174 RS-485/RS-422 Quad Differential Line Drivers
Check for Samples: DS96172, DS96174
1
FEATURES
DESCRIPTION
The DS96172 and DS96174 are high speed quad
2
•
Meets EIA Standard RS-485 and RS-422A
differential
line
drivers
designed
to
meet
EIA
•
Monotonic Differential Output Switching
Standard RS-485. The devices have tri-state outputs
•
Transmission Rate to 10 Mbs
and are optimized for balanced multipoint data bus
transmission at rates up to 10 Mbps. The drivers
•
Tri-state Outputs
have wide positive and negative common mode
•
Designed for Multipoint Bus Transmission
range
for
multipoint
applications
in
noisy
•
Common Mode Output Voltage Range:
−7V to
environments. Positive and negative current-limiting
+12V
is provided which protects the drivers from line fault
conditions over a +12V to
−7.0V common mode
•
Operates from Single +5V Supply
range. A thermal shutdown feature is also provided
•
Thermal Shutdown Protection
and occurs at junction temperature of approximately
•
DS96172/DS96174 are Lead and Function
160°C. The DS96172 features an active high and
Compatible with the SN75172/75174 or the
active low Enable, common to all four drivers. The
AM26LS31/MC3487, Respectively
DS96174 features separate active high Enables for
each driver pair. Compatible RS-485 receivers,
transceivers, and repeaters are also offered to
provide optimum bus performance. The respective
device types are DS96173, DS96175, DS96176, AND
DS96177.
Connection Diagrams
Figure 1. 16-Lead PDIP DS96172
Figure 2. 16-Lead PDIP DS96174
Top View
Top View
See Package Number NFG0016E
See Package Number NFG0016E
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
DS96172 - Obsolete
DS96174 - Not Recommended For New Designs


Similar Part No. - DS96172

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
DS96172CN NSC-DS96172CN Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
More results

Similar Description - DS96172

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
logo
Sipex Corporation
SP3486 SIPEX-SP3486 Datasheet
185Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
SP3486 SIPEX-SP3486 Datasheet
121Kb / 9P
3.3V Low Power Quad RS-485/RS-422 Line Drivers
SP486 SIPEX-SP486 Datasheet
83Kb / 7P
Quad RS-485/RS-422 Line Drivers
SP486E SIPEX-SP486E Datasheet
111Kb / 11P
Enhanced Quad RS-485/RS-422 Line Drivers
logo
Exar Corporation
SP486CT-L EXAR-SP486CT-L Datasheet
452Kb / 9P
Quad RS-485/RS-422 Line Drivers
logo
Texas Instruments
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com