Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS99R101VS/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R101VS/NOPB
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R101VS/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  DS99R101VS/NOPB Datasheet HTML 1Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 2Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 3Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 4Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 5Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 6Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 7Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 8Page - Texas Instruments DS99R101VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DS99R101, DS99R102
www.ti.com
SNLS240D – MARCH 2007 – REVISED APRIL 2013
Recommended Operating Conditions
Min
Nom
Max
Units
Supply Voltage (VDD)
3.0
3.3
3.6
V
Operating Free Air Temperature (TA)
0
+25
+70
°C
Clock Rate
3
40
MHz
Supply Noise
±100
mVP-P
Electrical Characteristics
(1) (2) (3)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS
VIH
High Level Voltage
Tx: DIN[23:0], TCLK,
2.0
1.5
VDD
V
TPWDNB, DEN, TRFB,
VIL
Low Level Input Voltage
GND
1.5
0.8
V
DCAOFF, DCBOFF,
VCL
Input Clamp Voltage
ICL = −18 mA
(4)
VODSEL
−0.8
−1.5
V
Rx: RPWDNB, RRFB,
REN
IIN
Input Current
VIN = 0V or 3.6V
Tx: DIN[23:0], TCLK,
TPWDNB, DEN, TRFB,
−10
±5
+10
µA
DCAOFF, DCBOFF,
VODSEL
Rx: RPWDNB, RRFB,
−20
±5
+20
µA
REN
VOH
High Level Output Voltage
IOH = −4 mA
Rx: ROUT[23:0], RCLK,
2.3
3.0
VDD
V
LOCK
VOL
Low Level Output Voltage
IOL = +4 mA
GND
0.33
0.5
V
IOS
Output Short Circuit Current
VOUT = 0V
(4)
−40
−70
−110
mA
IOZ
TRI-STATE™ Output Current
RPWDNB, REN = 0V
Rx: ROUT[23:0], RCLK,
−15
±0.4
+15
µA
VOUT = 0V or 2.4V
LOCK
LVDS DC SPECIFICATIONS
VTH
Differential Threshold High
VCM = +1.2V
Rx: RIN+, RIN−
+50
mV
Voltage
VTL
Differential Threshold Low
−50
mV
Voltage
IIN
Input Current
VIN = +2.4V, VDD = 3.6V
±200
µA
VIN = 0V, VDD = 3.6V
±200
µA
(1)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(2)
Typical values represent most likely parametric norms at VCC = 3.3V, Ta = +25 degC, and at the Recommended Operation Conditions
at the time of product characterization and are not guaranteed.
(3)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD,
ΔVOD, VTH and VTL which are differential voltages.
(4)
Specification is guaranteed by characterization and is not tested in production.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com